Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31 Datasheet(PDF) 28 Page - STMicroelectronics

Part # VIPER31
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button VIPER31 Datasheet HTML 24Page - STMicroelectronics VIPER31 Datasheet HTML 25Page - STMicroelectronics VIPER31 Datasheet HTML 26Page - STMicroelectronics VIPER31 Datasheet HTML 27Page - STMicroelectronics VIPER31 Datasheet HTML 28Page - STMicroelectronics VIPER31 Datasheet HTML 29Page - STMicroelectronics VIPER31 Datasheet HTML 30Page - STMicroelectronics VIPER31 Datasheet HTML 31Page - STMicroelectronics VIPER31 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
5.2
Energy saving performances
The VIPER31 allows the design of applications compliant with the most stringent energy saving regulations. In
order to show the typical performances achievable, the active mode average efficiency and the efficiency at 10%
of the rated output power of a single output flyback converter using VIPER31 have been measured and are
reported in Table 9. In addition, Figure 44, Figure 45 show no-load and light load consumptions.
Table 9. Power supply efficiency, VOUT = 15 V
Parameter
VIN
10% output load
efficiency [%]
Active mode average
efficiency [%]
Pin @ no-load
[mW]
Flyback iso, 15V/1.2A
115 VAC
83.2
85.9
26.0
230 VAC
77.4
86.6
29.7
Figure 44. Input power vs VIN in no-load condition, VOUT = 15V
10
20
30
40
50
100
150
200
250
300
VIN [VAC]
VIPER31
Application information
DS13285 - Rev 6
page 28/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com