Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VIPER31
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VIPER31 Datasheet HTML 30Page - STMicroelectronics VIPER31 Datasheet HTML 31Page - STMicroelectronics VIPER31 Datasheet HTML 32Page - STMicroelectronics VIPER31 Datasheet HTML 33Page - STMicroelectronics VIPER31 Datasheet HTML 34Page - STMicroelectronics VIPER31 Datasheet HTML 35Page - STMicroelectronics VIPER31 Datasheet HTML 36Page - STMicroelectronics VIPER31 Datasheet HTML 37Page - STMicroelectronics VIPER31 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
7
Order code
Table 11. Order code
Order code
IDLIM (OCP) typ
FOSC ± jitter
Package
VIPER318XDTR
850 mA
30 kHz ± 7%
SO16N tape and reel
VIPER319XDTR
990 mA
VIPER317LDTR
710 mA
60 kHz ± 7%
VIPER318LDTR
850 mA
VIPER319LDTR
990 mA
VIPER317HDTR
710 mA
132 kHz ± 7%
VIPER318HDTR
850 mA
VIPER319HDTR
990 mA
VIPER319HCDTR
990 mA
VIPER31
Order code
DS13285 - Rev 6
page 34/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com