Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319 Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER319
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER319 Datasheet HTML 2Page - STMicroelectronics VIPER319 Datasheet HTML 3Page - STMicroelectronics VIPER319 Datasheet HTML 4Page - STMicroelectronics VIPER319 Datasheet HTML 5Page - STMicroelectronics VIPER319 Datasheet HTML 6Page - STMicroelectronics VIPER319 Datasheet HTML 7Page - STMicroelectronics VIPER319 Datasheet HTML 8Page - STMicroelectronics VIPER319 Datasheet HTML 9Page - STMicroelectronics VIPER319 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Table 6. Supply section
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
High-voltage startup current source
VBVDSS_SU
Breakdown voltage of startup
MOSFET
TJ = 25°C
800
V
VHV_START
Drain-source startup voltage
24
V
RG
Startup resistor
VFB > VFB_REF,
VDRAIN = 400 V,
VDRAIN = 600 V
36
45
54
MΩ
ICH1
VCC charging current at startup VDRAIN = 100V, VCC ≤ 1V
0.5
1
1.5
mA
ICH2
VCC charging current
VFB > VFB_REF, VDRAIN = 100V
1V < VCC < VCCon
7.1
8.8
10.5
IC supply and consumptions
VCC
Operating voltage range
4.5
30
V
VCcon
VCC startup threshold
7.5
8
8.5
V
VCson
HV current source turn-on
threshold
VCC falling
4
4.25
4.5
V
VCcoff
UVLO
3.75
4
4.25
V
Iq
Quiescent current
Not switching,
VFB > VFB_REF
X, L versions
0.35
mA
H version
0.48
ICC
Operating supply current,
switching
VDS = 150 V, VCOMP = 1.2 V,
FOSC = 30 kHz
1.25
1.7
mA
VDS = 150 V, VCOMP = 1.2 V,
FOSC = 60 kHz
1.5
2
VDS = 150 V, VCOMP = 1.2 V,
FOSC = 132 kHz
2.25
2.8
Note:
1. Current supplied only during the main MOSFET OFF time.
2. Parameter assured by design and characterization.
VIPER31
Electrical and thermal ratings
DS13285 - Rev 6
page 6/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com