Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319 Datasheet(PDF) 21 Page - STMicroelectronics

Part # VIPER319
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VIPER319 Datasheet HTML 17Page - STMicroelectronics VIPER319 Datasheet HTML 18Page - STMicroelectronics VIPER319 Datasheet HTML 19Page - STMicroelectronics VIPER319 Datasheet HTML 20Page - STMicroelectronics VIPER319 Datasheet HTML 21Page - STMicroelectronics VIPER319 Datasheet HTML 22Page - STMicroelectronics VIPER319 Datasheet HTML 23Page - STMicroelectronics VIPER319 Datasheet HTML 24Page - STMicroelectronics VIPER319 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
If UVP function is not required, the UVP pin must be left floating. In this case, noise immunity of the pin is
guaranteed by the internal pull-up IUVP_pull-up (1 uA, typ.) present in the UVP block.
If UVP function is required, RH value can be set arbitrarily, but some Mohms at least are recommended in order to
minimize the power consumption of the UVP network. Then, if Vin_UVP is the desired input undervoltage threshold,
the value of RL can be found from the following formula:
Equation 2
(2)
RL= VUVP_th
Vin_UVP−VUVP_th
RH
+IUVP_pull−up
Equation 3
(3)
PUVPVin = Vin2RH+RL
Thanks to the ultra-low consumption, the UVP pin can be used as an input to disable the SMPS from external,
reaching the lowest input power consumption while the SMPS is still connected to the AC mains but not delivering
power to its output.
The purpose of the UVP debounce time tUVP_DEB is also to guarantee some hold-up in case of a missing cycle of
the input line, as illustrated in Figure 33. Hold-up in case of input line missing cycles.
Figure 33. Hold-up in case of input line missing cycles
VUVP_th
1 missing cycle
VBULK
tUVP_DEB
VUVP
tUVP_DEB
2 missing cycles
IDRAIN
IC disabled
here
4.13
Overvoltage protection
If the voltage across OVP pin (VOVP) exceeds the internal threshold VOVP_th (4 V typ.) for a time greater than
tOVP_DEB (250 us, typ.), the PWM is disabled in autorestart for tOVP_REST time (500 ms, typ.), until VOVP falls
below VOVP_th.
The time interval tOVP_DEB is intended to filter out possible noises/disturbances of the line, which could affect the
correct operation of the function, and is obtained through an up/down counter, where tOVP_DEB is the time the
counter needs to reach its end-of-count (ovp_eoc) starting from zero and counting always up.
The operation is shown in Figure 34. OVP timing. When VOVP exceeds VOVP_th, the up/down OVP counter is
incremented.
If VOVP falls below VOVP_th before the OVP counter reaches ovp_eoc, the counter is decremented. If the count
goes down to zero, a disturbance on the OVP pin is assumed and there is no consequence on the IC behavior.
If VOVP stays above VOVP_th until the OVP counter reaches ovp_eoc: the PWM is disabled in autorestart for a
tOVP_REST time interval; the OVP counter is reset; VCC is maintained between VCson and VCcon by the periodical
activation of the internal HV-current source. If during the count-up VOVP falls below VOVP_th for some time, during
that time the counter is decremented and the PWM disable is delayed accordingly.
When VOVP drops below VOVP_th, the IC waits for the end of tOVP_REST, then restarts with soft-start phase.
VIPER31
General description
DS13285 - Rev 6
page 21/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com