Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319 Datasheet(PDF) 17 Page - STMicroelectronics

Part # VIPER319
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button VIPER319 Datasheet HTML 13Page - STMicroelectronics VIPER319 Datasheet HTML 14Page - STMicroelectronics VIPER319 Datasheet HTML 15Page - STMicroelectronics VIPER319 Datasheet HTML 16Page - STMicroelectronics VIPER319 Datasheet HTML 17Page - STMicroelectronics VIPER319 Datasheet HTML 18Page - STMicroelectronics VIPER319 Datasheet HTML 19Page - STMicroelectronics VIPER319 Datasheet HTML 20Page - STMicroelectronics VIPER319 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
Figure 27. Pulse skipping during startup
time
VOUT
IDRAIN
time
IDLIM
with pulse skipping
without pulse skipping
skipped cycles
VOUT_nom
4.8
Direct feedback
The IC embeds a transconductance type error amplifier (E/A) whose inverting input and output are FB and COMP,
respectively. The internal reference voltage of the E/A is VFB_REF (1.2 V typical value referred to GND). In non-
isolated topologies, a positive output voltage can be tightly set through a simple voltage divider applied among the
output voltage terminal, FB and GND.
The E/A output is scaled down and fed into the PWM comparator, where it is compared to the voltage across the
sense resistor in series to the sense-FET, thus setting the cycle-by-cycle drain current limitation.
An R-C network connected on the output of the error amplifier (COMP) is usually used to stabilize the overall
control loop.
The FB is provided with an internal pull-up to prevent a wrong IC behavior when the pin is accidentally left
floating.
The E/A is disabled if the FB voltage is lower than VFB_DIS (200 mV, typ).
4.9
Secondary feedback
When a secondary feedback is required, the internal E/A has to be disabled shorting FB to GND (VFB < VFB_DIS).
With this setting, COMP is internally connected to the parallel of a 100 uA current generator and the 15 kΩ (typ.)
RCOMP(DYN) resistor, and the voltage across COMP is set by the current sunk.
This allows to set the output voltage value through an external error amplifier (TS431 or similar) placed on the
secondary side, whose error signal is used to set the DRAIN peak current setpoint corresponding to the output
power demand. If isolation is required, the error signal must be transferred through an optocoupler, with the
phototransistor collector connected across COMP and GND.
4.10
Pulse frequency modulation
If the output load is decreased, the feedback loop reacts by lowering VCOMP, which reduces the DRAIN peak
current setpoint. The minimum value is IDLIM_PFM, corresponding to the VCOMPL threshold.
If the load is further decreased, the DRAIN peak current value is maintained at IDLIM_PFM and some PWM cycles
are skipped. This kind of operation is referred to as “pulse frequency modulation” (PFM), the number of the
skipped cycles depending on the balance between the output power demand and the power transferred from the
input. The result is an equivalent switching frequency which can go down to some hundreds Hz, thus reducing all
the frequency-related losses.
VIPER31
General description
DS13285 - Rev 6
page 17/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com