Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER319 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER319
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER319 Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER319 Datasheet HTML 1Page - STMicroelectronics VIPER319 Datasheet HTML 2Page - STMicroelectronics VIPER319 Datasheet HTML 3Page - STMicroelectronics VIPER319 Datasheet HTML 4Page - STMicroelectronics VIPER319 Datasheet HTML 5Page - STMicroelectronics VIPER319 Datasheet HTML 6Page - STMicroelectronics VIPER319 Datasheet HTML 7Page - STMicroelectronics VIPER319 Datasheet HTML 8Page - STMicroelectronics VIPER319 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
2
Electrical and thermal ratings
Table 2. Absolute maximum ratings
Symbol
Parameter (1)(2)
Min.
Max.
Unit
VDS
Drain-to- source (ground) voltage
800
V
IDRAIN
Pulsed drain current (pulse-width limited by SOA)
3
A
VCC
VCC voltage
-0.3
30.5V
V
VOVP
OVP voltage
-0.3
Internally
limited(3)
V
VUVP
UVP voltage
-0.3
Internally
limited (3)
V
VFB
FB voltage
-0.3
5 (4)
V
VCOMP
COMP voltage
-0.3
Internally
limited (3)
V
PTOT
Power Dissipation @ Tamb < 50°C
1(5)
W
TJ
Junction Temperature operating range
-40
150
°C
TSTG
Storage Temperature
-55
150
°C
1. stresses beyond those listed absolute maximum ratings may cause permanent damage to the device.
2. exposure to absolute-maximum-rated conditions for extended periods may affect the device reliability
3. by internal clamp between 4.75 V and 5.25 V or VCC + 0.6 V, whichever is lower
4. the AMR value is intended when VCC ≥ 5 V, otherwise the value VCC + 0.3 V has to be considered.
5. when mounted on a standard single side FR4 board with 100 mm² (0.155² inch) of Cu (35 μm thick)
Table 3. Thermal data
Symbol
Parameter
Max. value
Unit
SO16N
RTH-JC
Thermal resistance junction to case(1)
(dissipated power = 1W)
10
°C/W
RTH-JA
Thermal resistance junction to ambient(1)
(dissipated power = 1W)
120
°C/W
RTH-JC
Thermal resistance junction to case(2)
(dissipated power = 1W)
5
°C/W
RTH-JA
Thermal resistance junction to ambient(2)
(dissipated power = 1W)
85
°C/W
1. when mounted on a standard single side FR4 board with minimum copper area
2. when mounted on a standard single side FR4 board with 100mm² (0.155² inch) of Cu (35 μm thick)
VIPER31
Electrical and thermal ratings
DS13285 - Rev 6
page 4/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com