Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4N-2FRE Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # D4N-2FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2FRE Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button D4N-2FRE Datasheet HTML 8Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 9Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 10Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 11Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 12Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 13Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 14Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 15Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
D4N
12
1-conduit Models
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
* Refer to following diagrams for details on M12 connectors.
Snap-action (1NC/1NO) (2NC), Slow-action (2NC) (3NC)
Slow-action (1NC/1NO) (2NC/1NO)
Model
Operating characteristics
D4N-
@12H
D4N-
@22H
D4N-
@B2H
D4N-
@D2H
D4N-
@12G
D4N-
@22G
D4N-
@B2G
D4N-
@D2G
*1
Operating force
OF max.
4.5 N
Note: Variation occurs in the simultaneity of contact
opening/closing operations of 2NC, 2NC/1NO, and
3NC contacts. Check contact operation.
*1. The operating characteristics of these Switches were
measured with the roller lever set at 32 mm.
*2. Only for snap-action models.
*3. Reference value.
*4. For safe use, always make sure that the minimum values
or greater are provided.
Release force
RF min.
0.4 N
Pretravel
PT
18
° to 27°
Overtravel
OT min.
40
°
Movement differential
MD max.
*2
14
°
Operating position
OP
---
Total travel
TT
*3
(80
°)
Direct opening travel
DOT min.
*4
50
°
Direct opening force
DOF min.
*4
20 N
Model
Operating characteristics
D4N-
@A2H
D4N-
@C2H
D4N-
@E2H
D4N-
@F2H
D4N-
@A2G
D4N-
@C2G
D4N-
@E2G
D4N-
@F2G
*1
Operating force
OF max.
4.5 N
Release force
RF min.
0.4 N
Pretravel
PT (NC)
18
° to 27°
PT (NO)
*2
(44
°)
PT (NC)
*3
27.5
° to 36.5°
PT (NO)
*2, *3 (18°)
Overtravel
OT min.
40
°
*1. The operating characteristics of these Switches were
measured with the roller lever set at 32 mm.
*2. Reference values.
*3. Only for MBB models. (D4N-@E@@ or D4N-@F@@)
*4. For safe use, always make sure that the minimum
values or greater are provided.
Operating position
OP
---
Total travel
TT
*2
(80
°)
Direct opening travel
DOT min.
50
°
Direct opening force
DOF min.
*4
20 N
Adjustable Roller Lever, Form Lock
(with Metal Lever, Resin Roller)
D4N-1
@2G
D4N-2
@2G
D4N-4
@2G
D4N-9
@2G *
17.5 dia.
× 6.8
resin roller
Two, 4
+0.15 dia. holes
Depth: 5
0
2.15
±0.05R
mounting holes
Conduit cap
20.5
× 20.5
30
27.5
11±0.2
21.5
22±0.2
31 max.
55
47±0.2
2.5
9±0.2
20 to 66R
18
20±0.1
22±0.1
14.2
45±1
39.5±1
(31)
Adjustable Roller Lever, Form Lock
(with Metal Lever, Rubber Roller)
D4N-1
@2H
D4N-2
@2H
D4N-4
@2H
D4N-9
@2H *
50 dia.
× 8
rubber roller
Bearing
Stainless steel
lever
Two, 4
+0.15 dia. holes
Depth: 5
0
20.5
× 20.5
30
27.5
11±0.2
21.5
22±0.2
31 max.
55
47±0.2
2.5
9±0.2
18
20±0.1
22±0.1
14.2
48.2±1
41.3±1
(29.2)
32 to 66R
2.15
±0.05R
mounting holes
Conduit cap
1-conduit M12 Connector
D4N-9
@@@
(14)
M12
× 1
14.2
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com