Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4N-2FRE Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # D4N-2FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2FRE Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button D4N-2FRE Datasheet HTML 12Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 13Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 14Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 15Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 16Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 17Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 18Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 19Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
D4N
Wiring
Wiring
• When connecting to the terminals via insulating tube and M3.5
crimp terminals, arrange the crimp terminals as shown below so
that they do not rise up onto the case or the cover.
Applicable lead wire size: AWG20 to AWG18 (0.5 to 0.75 mm2).
Use lead wires of an appropriate length, as shown below. Not
doing so may result in excess length causing the cover to rise and
not fit properly.
One-conduit Type (3 Poles)
Two-conduit Type (3 Poles)
• Do not push crimp terminals into gaps in the case interior. Doing so
may cause damage or deformation of the case.
• Use crimp terminals not more than 0.5 mm in thickness. Otherwise,
they will interfere with other components inside the case.
[Reference] The crimp terminals shown below are not more than
0.5 mm thick.
Contact Arrangement
• The contact arrangements are shown below.
Screw Terminal Type
Connector Type
• Applicable socket: XS2F-D421 series (OMRON).
• Refer to the Connector Catalog for details on socket pin numbers
and lead wire colors.
Socket Tightening (Connector Type)
• Turn the socket connector screws by hand and tighten until no
space remains between the socket and the plug.
• Make sure that the socket connector is tightened securely.
Otherwise, the rated degree of protection (IP67) may not be
maintained and vibration may loosen the socket connector.
Conduit Opening
• Connect a recommended connector to the opening of the conduit
and tighten the connector to the specified torque. The case may be
damaged if an excessive tightening torque is applied.
• Use a cable with a suitable diameter for the connector.
• Attach and tighten a conduit cap to the unused conduit opening
when wiring. Tighten the conduit cap to the specified torque. The
conduit cap is provided with the Switch (2-conduit types).
Changing the Lever
The lever mounting screws can be used to set the lever position to
any position in a 360
° angle at 7.5° increments. Grooves are incised
on the lever and rotary shaft that engage to prevent the lever from
slipping against the rotary shaft. The screws on adjustable roller lever
models can also loosened to change the length of the lever.
Remove the screws from the front of the lever before mounting the
lever in reverse (front/back), and set the level so that operation will be
completed before exceeding a range of 180
° on the horizontal.
Manufacturer
Type
J.S.T. Mfg. Co.
FN0.5-3.7 (F Type)
N0.5-3.7 (Straight Type)
22
21
34
33
12
11
A
A
C
E
B
D
F
C
E
B
D
F
28 mm
Tolerance
±2 mm
33 mm
42 mm
22
21
34
33
12
11
A
C
E
B
D
F
A
C
E
BD F
28 mm
Tolerance
±2 mm
Left hand
42 mm
A
C
E
BD F
28 mm
Tolerance
±2 mm
Right hand
42 mm
L
l
F
B
D dia.
dz dia.
Correct
Incorrect
Terminal screw
Crimp terminal
t:
0.5 mm
dz dia.:
3.7 mm
D dia.:
2.9 mm
B:
6.6 mm
L:
19 mm
F:
7.7 mm
I:
8.0 mm
14
32
13
31
D4N-
@D@@ (3NC)
11
21
12
22
31
32
D4N-
@B@@ (2NC)
D4N-
@2@@ (2NC (SNAP))
11
31
12
32
D4N-
@C@@ (2NC/1NO)
D4N-
@F@@ (2NC/1NO (MBB))
D4N-
@A@@ (1NC/1NO)
D4N-
@E@@ (1NC/1NO (MBB))
33
34
11
21
12
22
11
33
12
34
D4N-
@1@@ (1NC/1NO (SNAP))
14 (4)
32 (2)
(3) 13
(1) 31
1
3
24
Pin No. (Terminal No.)
D4N-9B
@@ (2NC)
D4N-92
@@ (2NC (SNAP))
D4N-9A
@@ (1NC/1NO)
D4N-9E
@@ (1NC/1NO (MBB))
(1) 11
(3) 31
12 (2)
32 (4)
(1) 11
(3) 33
12 (2)
34 (4)
D4N-91
@@ (1NC/1NO (SNAP))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com