Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4N-2FRE Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # D4N-2FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2FRE Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button D4N-2FRE Datasheet HTML 10Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 11Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 12Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 13Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 14Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 15Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 16Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 17Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
D4N
2-conduit Models
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Roller Lever (Resin Lever, Resin Roller)
D4N-6
@20
D4N-8
@20
17.5 dia.
× 6.8
resin roller
Two, 4
+0.15 dia. holes
Depth: 5
0
30
Cap
27.5
20.5
20.5
× 20.5
11±0.2
47±1
40±1
(27)
21.5
42±0.2
(3)
56 max.
47
39±0.2
25 dia.
2.5
5.4
9±0.2
26R
18
20±0.1
40±0.1
42±0.1
22±0.1
14.2
Resin lever
2.15
±0.05R
mounting
holes
Conduit
cap
Roller Lever (Metal Lever, Resin Roller)
D4N-6
@22
D4N-8
@22
17.5 dia.
× 6.8
resin roller
Two, 4
+0.15 dia. holes
Depth: 5
0
30
Cap
27.5
20.5
11±0.2
21.5
42±0.2
(3)
56 max.
47
25 dia.
2.5
5.4
9±0.2
18
20±0.1
40±0.1
42±0.1
22±0.1
14.2
26R
45±1
39.5±1
(31)
39±0.2
Metal lever
20.5
× 20.5
2.15
±0.05R
mounting
holes
Conduit cap
Plunger
D4N-6
@31
D4N-8
@31
Two, 3
±0.05
dia. holes
Two, 4
+0.15 dia. holes
Depth: 5
0
30
Cap
20.5
42±0.2
(3)
56 max.
47
25 dia.
2.5
5.4
9±0.2
OP
20±0.1
40±0.1
42±0.1
22±0.1
14.2
(31.5)
21.5
11±0.2
25±0.1
12 dia.
39±0.2
6-dia. resin plunger
2.15
±0.05R
mounting
holes
Conduit cap
Roller Plunger
D4N-6
@32
D4N-8
@32
9.5 dia.
× 5
resin roller
Two, 4
+0.15 dia. holes
Depth: 5
0
30
Cap
20.5
42±0.2
(3)
56 max.
47
25 dia.
2.5
5.4
9±0.2
OP
25.2
20±0.1
40±0.1
42±0.1
22±0.1
14.2
11±0.2
(31.5)
21.5
39±0.2
20.5
× 20.5
2.15
±0.05R
mounting
holes
Conduit cap
Snap-action (1NC/1NO) (2NC), Slow-action (2NC)
(3NC)
Note: Variation occurs in the simultaneity of contact opening/closing
operations of 2NC, 2NC/1NO, and 3NC contacts. Check
contact operation.
*1. Only for snap-action models.
*2. Reference value.
*3. For safe use, always make sure that the minimum values or
greater are provided.
Model
Operating characteristics
D4N-
@120
D4N-
@220
D4N-
@B20
D4N-
@D20
D4N-
@122
D4N-
@222
D4N-
@B22
D4N-
@D22
D4N-
@131
D4N-
@231
D4N-
@B31
D4N-
@D31
D4N-
@132
D4N-
@232
D4N-
@B32
D4N-
@D32
Operating force
OF max. 5 N
5 N
6.5 N
6.5 N
Release force
RF min. 0.5 N
0.5 N
1.5 N
1.5 N
Pretravel
PT
18
° to 27° 18° to 27° 2 mm
2 mm
Overtravel
OT min. 40
°
40
°
4 mm
4 mm
Movement differential
MD max.
*1
14
°
14
°
1 mm
1 mm
Operating position OP
---
---
18
±0.5 mm
28.2
±0.8 mm
Total travel
TT
*2
(80
°)(80°)
(6 mm)
(6 mm)
Direct opening travel
DOTmin.
*3
50
°
50
°
3.2 mm
3.2 mm
Direct opening force
DOFmin.
*3
20 N
20 N
20 N
20 N
Slow-action (1NC/1NO) (2NC/1NO)
*1. Reference values.
*2. Only for MBB models. (D4N-@E@@ or D4N-@F@@)
*3. For safe use, always make sure that the minimum values or
greater are provided.
Model
Operating characteristics
D4N-
@A20
D4N-
@C20
D4N-
@E20
D4N-
@F20
D4N-
@A22
D4N-
@C22
D4N-
@E22
D4N-
@F22
D4N-
@A31
D4N-
@C31
D4N-
@E31
D4N-
@F31
D4N-
@A32
D4N-
@C32
D4N-
@E32
D4N-
@F32
Operating force
OF max. 5 N
5 N
6.5 N
6.5 N
Release force
RF min.
0.5 N
0.5 N
1.5 N
1.5 N
Pretravel
PT (NC)
18
° to 27° 18° to 27° 2 mm
2 mm
PT (NO)
*1
(44
°)(44°)
(2.9 mm)
(2.9 mm)
PT (NC)
*2
27.5
° to
36.5
°
27.5
° to
36.5
°
2.8 mm
2.8 mm
PT (NO)
*1, *2
(18
°)(18°)
(1 mm)
(1 mm)
Overtravel
OT min.
40
°
40
°
4 mm
4 mm
Operating position OP
---
---
18
±0.5 mm
28.2
±0.8 mm
OP
*2
---
---
17.4
±0.5 mm
28
±0.8 mm
Total travel
TT
*1
(80
°)(80°)
(6 mm)
(6 mm)
Direct opening travel
DOT min.
*3
50
°
50
°
3.2 mm
3.2 mm
Direct opening force
DOF min.
*3
20 N
20 N
20 N
20 N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com