Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D4N-2FRE Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # D4N-2FRE
Description  Safety Limit Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4N-2FRE Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button D4N-2FRE Datasheet HTML 12Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 13Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 14Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 15Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 16Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 17Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 18Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 19Page - Omron Electronics LLC D4N-2FRE Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
D4N
Levers
Refer to the following for the angles and positions of the watchdogs (source: EN50047.)
Note: Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
Roller Lever
(D4N-
@@20)
40±2
15±3
40+1
0
55
50 max.
30
°
20 min.
Dog
10 min.
Dog
5 min.
Adjustable Roller Lever, Form Lock
(with Metal Lever, Resin Roller)
(D4N-
@@2G) (Reference Values)
40±2
45
29±7
5±2
30
°
30
°
55+1
0
35+1
0
65R 20R
90
40 min.
Dog
15 min.
10 min.
Adjustable Roller Lever, Form Lock
(with Metal Lever, Rubber Roller)
(D4N-
@@2H) (Reference Values)
42±2
110
75
30±7
11±3
30
°
70+1
0
55+1
0
65R 31R
45 min.
25 min.
10 min.
Sealed Plunger
(D4N-
@@31)
12.5 0
−2.5
18±0.5
Dog
15 min.
21 min.
Dog
Operating position
Roller Plunger
(D4N-
@@32)
25+1
0
35
28±1
10±1.5
2.5
30
°
12.5 0
−2.5
Dog
20 min.
10 min.
Operating position
25 min.
31 min.
One-way Roller Arm Lever
(Horizontal)
(D4N-
@@62)
30 max.
Dog
20 min.
31+1
0
10±2
40
5 min.
10 min.
30
°
12.5 0
−2.5
One-way Roller Arm Lever
(Vertical) (Reference Values)
(D4N-
@@72)
30
°
20 min.
31
41±2
22+1
0
5 min.
10 min.
12.5 0
−2.5
Dog
Fork Lever Lock
(Right Operation)
(D4N-
@@RE)
60
36
55
° to 60°
5 to 9R
Dog setting range
40
28
Mounting
surface
Fork Lever Lock
(Left Operation)
(D4N-
@@LE)
60
36
55
° to 60°
5 to 9R
Dog setting range
40
28
Mounting
surface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com