Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855TCZQ50D4 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC855TCZQ50D4 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
4
Freescale Semiconductor
Features
•
System integration unit (SIU)
— Bus monitor
— Software watchdog
— Periodic interrupt timer (PIT)
— Low-power stop mode
— Clock synthesizer
— Decrementer, time base, and real-time clock (RTC)
— Reset controller
— IEEE 1149.1™ Std. test access port (JTAG)
•
Interrupts
— Seven external interrupt request (IRQ) lines
— 12 port pins with interrupt capability
— 23 internal interrupt sources
— Programmable priority between SCCs
— Programmable highest priority request
•
10/100 Mbps Ethernet support, fully compliant with the IEEE 802.3u® Standard (not available
when using ATM over UTOPIA interface)
•
ATM support compliant with ATM forum UNI 4.0 specification
— Cell processing up to 50–70 Mbps at 50-MHz system clock
— Cell multiplexing/demultiplexing
— Support of AAL5 and AAL0 protocols on a per-VC basis. AAL0 support enables OAM and
software implementation of other protocols.
— ATM pace control (APC) scheduler, providing direct support for constant bit rate (CBR) and
unspecified bit rate (UBR) and providing control mechanisms enabling software support of
available bit rate (ABR)
— Physical interface support for UTOPIA (10/100-Mbps is not supported with this interface) and
byte-aligned serial (for example, T1/E1/ADSL)
— UTOPIA-mode ATM supports level-1 master with cell-level handshake, multi-PHY (up to four
physical layer devices), connection to 25-, 51-, or 155-Mbps framers, and UTOPIA/system
clock ratios of 1/2 or 1/3.
— Serial-mode ATM connection supports transmission convergence (TC) function for
T1/E1/ADSL lines, cell delineation, cell payload scrambling/descrambling, automatic
idle/unassigned cell insertion/stripping, header error control (HEC) generation, checking, and
statistics.
•
Communications processor module (CPM)
— RISC communications processor (CP)
— Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT
MODE
, and RESTART TRANSMIT)
— Supports continuous mode transmission and reception on all serial channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com