Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855TCZQ50D4 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
9
Thermal Characteristics
Table 4 shows the thermal characteristics for the MPC860.
Table 4. MPC860 Thermal Resistance Data
Rating
Environment
Symbol
ZP
MPC860P
ZQ / VR
MPC860P
Unit
Mold Compound Thickness
0.85
1.15
mm
Junction-to-ambient 1
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, airflow, power dissipation of other components on the board, and board thermal
resistance.
Natural convection
Single-layer board (1s)
RθJA
2
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single-layer board horizontal.
34
34
•C/W
C/W
Four-layer board (2s2p)
RθJMA
3
3 Per JEDEC JESD51-6 with the board horizontal.
22
22
Airflow (200 ft/min)
Single-layer board (1s)
RθJMA
3
27
27
Four-layer board (2s2p)
RθJMA
3
18
18
Junction-to-board 4
4 Thermal resistance between the die and the printed-circuit board per JEDEC JESD51-8. Board temperature is measured
on the top surface of the board near the package.
RθJB
14
13
Junction-to-case 5
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold plate method
(MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case temperature. For exposed pad
packages where the pad would be expected to be soldered, junction-to-case thermal resistance is a simulated value from
the junction to the exposed pad without contact resistance.
RθJC
68
Junction-to-package top 6
6 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2.
Natural convection
ΨJT
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com