Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855TCZQ50D4 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
7
Maximum Tolerated Ratings
3
Maximum Tolerated Ratings
This section provides the maximum tolerated voltage and temperature ranges for the MPC860. Table 2
provides the maximum ratings.
This device contains circuitry protecting against damage due to high-static voltage or electrical fields;
however, it is advised that normal precautions be taken to avoid application of any voltages higher than
maximum-rated voltages to this high-impedance circuit. Reliability of operation is enhanced if unused
inputs are tied to an appropriate logic voltage level (for example, either GND or VDD).
Table 2. Maximum Tolerated Ratings
(GND = 0 V)
Rating
Symbol
Value
Unit
Supply voltage1
1 The power supply of the device must start its ramp from 0.0 V.
VDDH
–0.3 to 4.0
V
VDDL
–0.3 to 4.0
V
KAPWR
–0.3 to 4.0
V
VDDSYN
–0.3 to 4.0
V
Input voltage2
2 Functional operating conditions are provided with the DC electrical specifications in Table 6. Absolute maximum ratings are
stress ratings only; functional operation at the maxima is not guaranteed. Stress beyond those listed may affect device
reliability or cause permanent damage to the device.
Caution: All inputs that tolerate 5 V cannot be more than 2.5 V greater than the supply voltage. This restriction applies to
power-up and normal operation (that is, if the MPC860 is unpowered, voltage greater than 2.5 V must not be applied to its
inputs).
Vin
GND – 0.3 to VDDH
V
Temperature3 (standard)
3 Minimum temperatures are guaranteed as ambient temperature, T
A. Maximum temperatures are guaranteed as junction
temperature, Tj.
TA(min)
0°C
Tj(max)
95
°C
Temperature3 (extended)
TA(min)
–40
°C
Tj(max)
95
°C
Storage temperature range
Tstg
–55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com