Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC855TCZQ50D4 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC855TCZQ50D4
Description  PowerQUICC??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC855TCZQ50D4 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC855TCZQ50D4 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC855TCZQ50D4 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
Freescale Semiconductor
49
CPM Electrical Characteristics
Figure 50. CPM General-Purpose Timers Timing Diagram
11.6
Serial Interface AC Electrical Specifications
Table 19 provides the serial interface timings as shown in Figure 51 through Figure 55.
Table 19. SI Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
70
L1RCLK, L1TCLK frequency (DSC = 0)1, 2
—
SYNCCLK/2.5
MHz
71
L1RCLK, L1TCLK width low (DSC = 0)2
P + 10
—
ns
71a
L1RCLK, L1TCLK width high (DSC = 0)3
P + 10
—
ns
72
L1TXD, L1ST(1–4), L1RQ, L1CLKO rise/fall time
—
15.00
ns
73
L1RSYNC, L1TSYNC valid to L1CLK edge (SYNC setup time)
20.00
—
ns
74
L1CLK edge to L1RSYNC, L1TSYNC, invalid (SYNC hold time)
35.00
—
ns
75
L1RSYNC, L1TSYNC rise/fall time
—
15.00
ns
76
L1RXD valid to L1CLK edge (L1RXD setup time)
17.00
—
ns
77
L1CLK edge to L1RXD invalid (L1RXD hold time)
13.00
—
ns
78
L1CLK edge to L1ST(1–4) valid 4
10.00
45.00
ns
78A
L1SYNC valid to L1ST(1–4) valid
10.00
45.00
ns
79
L1CLK edge to L1ST(1–4) invalid
10.00
45.00
ns
80
L1CLK edge to L1TXD valid
10.00
55.00
ns
80A
L1TSYNC valid to L1TXD valid 4
10.00
55.00
ns
81
L1CLK edge to L1TXD high impedance
0.00
42.00
ns
82
L1RCLK, L1TCLK frequency (DSC =1 )
—
16.00 or
SYNCCLK/2
MHz
83
L1RCLK, L1TCLK width low (DSC = 1)
P + 10
—
ns
83a
L1RCLK, L1TCLK width high (DSC = 1)3
P + 10
—
ns
CLKO
TIN/TGATE
(Input)
TOUT
(Output)
64
65
61
62
63
61
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com