Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035 Datasheet(PDF) 9 Page - STMicroelectronics

Part # PD55035
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PD55035 Datasheet HTML 5Page - STMicroelectronics PD55035 Datasheet HTML 6Page - STMicroelectronics PD55035 Datasheet HTML 7Page - STMicroelectronics PD55035 Datasheet HTML 8Page - STMicroelectronics PD55035 Datasheet HTML 9Page - STMicroelectronics PD55035 Datasheet HTML 10Page - STMicroelectronics PD55035 Datasheet HTML 11Page - STMicroelectronics PD55035 Datasheet HTML 12Page - STMicroelectronics PD55035 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
PD55035 - PD55035S
FREQ
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
(MHz)
50
0.845
-165
14.89
87
0.012
0
0.818
-171
100
0.877
-171
7.23
78
0.011
-8
0.829
-174
150
0.894
-174
4.81
72
0.011
-12
0.836
-175
200
0.905
-175
3.46
65
0.010
-17
0.849
-175
250
0.909
-176
2.69
59
0.010
-20
0.863
-175
300
0.920
-176
2.15
54
0.009
-23
0.877
-175
350
0.924
-177
1.75
48
0.008
-27
0.887
-175
400
0.933
-177
1.46
44
0.007
-28
0.898
-176
450
0.937
-178
1.22
39
0.007
-28
0.910
-176
500
0.946
-178
1.05
36
0.006
-28
0.919
-177
550
0.951
-179
0.90
32
0.005
-26
0.925
-177
600
0.953
-180
0.79
29
0.004
-23
0.936
-178
650
0.959
180
0.69
26
0.004
-19
0.942
-178
700
0.963
179
0.61
24
0.003
-13
0.946
-179
750
0.965
179
0.55
21
0.003
-4
0.951
-179
800
0.964
178
0.49
19
0.003
6
0.954
-180
850
0.967
178
0.44
17
0.003
14
0.960
180
900
0.970
177
0.40
15
0.003
31
0.960
179
950
0.971
177
0.37
13
0.003
39
0.965
179
1000
0.972
176
0.34
11
0.003
55
0.964
178
1050
0.972
176
0.31
9
0.003
53
0.970
178
1100
0.973
176
0.29
8
0.003
64
0.969
177
1150
0.975
175
0.26
6
0.004
70
0.966
179
1200
0.976
175
0.25
4
0.004
75
0.971
176
1250
0.975
174
0.22
3
0.005
85
0.972
176
1300
0.975
174
0.21
2
0.005
81
0.970
175
1350
0.974
174
0.19
1
0.005
85
0.970
175
1400
0.973
174
0.18
0
0.006
89
0.971
174
1450
0.972
173
0.17
-1
0.006
95
0.971
174
1500
0.970
173
0.16
-1
0.008
110
0.965
174
COMMON SOURCE S-PARAMETER (PD55035S)
(VDS = 12.5V IDS = 1A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com