Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD55035
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD55035 Datasheet HTML 6Page - STMicroelectronics PD55035 Datasheet HTML 7Page - STMicroelectronics PD55035 Datasheet HTML 8Page - STMicroelectronics PD55035 Datasheet HTML 9Page - STMicroelectronics PD55035 Datasheet HTML 10Page - STMicroelectronics PD55035 Datasheet HTML 11Page - STMicroelectronics PD55035 Datasheet HTML 12Page - STMicroelectronics PD55035 Datasheet HTML 13Page - STMicroelectronics PD55035 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PD55035 - PD55035S
10/14
COMMON SOURCE S-PARAMETER (PD55035S)
(VDS = 12.5V IDS = 2A)
FREQ
IS11I
S11∠Φ
IS21I
S21∠Φ
IS12I
S12∠Φ
IS22I
S22∠Φ
(MHz)
50
0.863
-165
15.03
88
0.010
0
0.841
-173
100
0.892
-171
7.33
80
0.009
-5
0.848
-176
150
0.909
-174
4.91
74
0.009
-9
0.853
-176
200
0.916
-176
3.56
68
0.009
-11
0.860
-176
250
0.920
-177
2.81
63
0.008
-12
0.872
-177
300
0.927
-177
2.26
58
0.008
-15
0.880
-177
350
0.929
-178
1.86
52
0.007
-18
0.889
-177
400
0.935
-178
1.57
48
0.006
-20
0.896
-177
450
0.938
-179
1.33
44
0.006
-20
0.906
-178
500
0.944
-179
1.14
40
0.005
-16
0.914
-177
550
0.950
-180
0.99
37
0.005
-15
0.918
-178
600
0.952
180
0.87
33
0.004
-14
0.929
-179
650
0.956
179
0.77
30
0.004
-9
0.935
-179
700
0.960
179
0.69
28
0.003
4
0.940
-179
750
0.964
179
0.61
25
0.003
11
0.946
180
800
0.964
178
0.55
23
0.003
20
0.949
180
850
0.965
177
0.50
21
0.003
32
0.955
179
900
0.968
177
0.46
18
0.003
38
0.954
179
950
0.969
177
0.42
17
0.003
46
0.959
178
1000
0.971
176
0.39
14
0.003
47
0.959
177
1050
0.971
176
0.36
12
0.004
57
0.967
177
1100
0.970
176
0.33
11
0.004
60
0.964
177
1150
0.973
175
0.30
9
0.004
69
0.964
176
1200
0.975
175
0.28
7
0.004
72
0.966
176
1250
0.973
174
0.26
5
0.005
78
0.971
175
1300
0.971
174
0.24
4
0.006
80
0.968
175
1350
0.973
174
0.23
3
0.006
83
0.970
174
1400
0.971
173
0.21
2
0.006
83
0.971
174
1450
0.969
173
0.20
1
0.006
91
0.970
174
1500
0.968
173
0.18
1
0.008
112
0.969
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com