Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PD55035
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035 Datasheet(HTML) 2 Page - STMicroelectronics

  PD55035 Datasheet HTML 1Page - STMicroelectronics PD55035 Datasheet HTML 2Page - STMicroelectronics PD55035 Datasheet HTML 3Page - STMicroelectronics PD55035 Datasheet HTML 4Page - STMicroelectronics PD55035 Datasheet HTML 5Page - STMicroelectronics PD55035 Datasheet HTML 6Page - STMicroelectronics PD55035 Datasheet HTML 7Page - STMicroelectronics PD55035 Datasheet HTML 8Page - STMicroelectronics PD55035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
PD55035 - PD55035S
2/14
ELECTRICAL SPECIFICATION (TCASE = 25
°C)
STATIC
DYNAMIC
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V
ID = 100 mA
2.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.8
0.95
V
GFS
VDS = 10 V
ID = 3 A
2.5
mho
CISS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
92
pF
COSS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
73
pF
CRSS
VGS = 0 V
VDS = 12.5 V
f = 1 MHz
6.1
pF
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Pout
VDD = 12.5 V IDQ = 200 mA
f = 500 MHz
35
W
GP
VDD = 12.5 V IDQ = 200 mA
POUT = 35 W f = 500 MHz
13
16.9
dB
ηD
VDD = 12.5 V IDQ = 200 mA
POUT = 35 W f = 500 MHz
62
%
Load
mismatch
VDD = 12.5 V IDQ = 200 mA
POUT = 35 W f = 500 MHz
ALL PHASE ANGLES
20:1
VSWR
PIN CONNECTION
GATE
SOURCE
DRAIN
SC15200
PD55035S
FREQ. MHz
ZIN (Ω)ZDL(Ω)
175
3.34 - j 5.84
1.67 + j 1.45
480
0.53 - j 1.08
0.86 + j 0.25
500
0.45 - j 1.21
1.05 + j 0.03
520
0.42 - j 1.20
1.04 + j 0.15
Typical Input
Impedance
Typical Drain
Load Impedance
G
D
S
ZDL
Zin
SC13140
IMPEDANCE DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com