Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD55035 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD55035
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55035 Datasheet(HTML) 4 Page - STMicroelectronics

  PD55035 Datasheet HTML 1Page - STMicroelectronics PD55035 Datasheet HTML 2Page - STMicroelectronics PD55035 Datasheet HTML 3Page - STMicroelectronics PD55035 Datasheet HTML 4Page - STMicroelectronics PD55035 Datasheet HTML 5Page - STMicroelectronics PD55035 Datasheet HTML 6Page - STMicroelectronics PD55035 Datasheet HTML 7Page - STMicroelectronics PD55035 Datasheet HTML 8Page - STMicroelectronics PD55035 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PD55035 - PD55035S
4/14
TYPICAL PERFORMANCE
(PD55035S)
Output Power vs. Bias Current
33
34
35
36
37
38
0
200
400
600
800
1000
Idq (mA)
Vdd = 12.5 V
Pin = 0.72 W
500 MHz
480 MHz
520 MHz
Efficiency vs. Supply Voltage
0
10
20
30
40
50
60
70
80
6
8
10
12
14
16
18
Vdd (V)
Idq = 200 m A
Pin = 0.72 W
500 MHz
480 MHz
520 MHz
Output Power vs. Supply Voltage
0
10
20
30
40
50
60
6
8
10
12
14
16
18
Vdd (V)
Idq = 200 m A
Pin = 0.72 W
500 MHz
480 MHz
520 MHz
Efficiency vs. Bias Current
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Idq (m A)
Vdd = 12.5 V
P in = 0.72 W
500 MHz
480, 520 MHz
Output Power vs. Gate Voltage
0
5
10
15
20
25
30
35
40
45
0
0 .5
1
1 .5
2
2 .5
3
3 .5
4
Vg s (V)
Vdd = 12.5 V
Pin = 0.72 W
520
480 MHz
500
Input Return Loss vs. Output Power
-30
-25
-20
-15
-10
-5
0
0
1020
3040
50
P out (W )
Vdd = 12.5 V
Idq = 200 m A
500 MHz
480 MHz
520 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com