Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9835EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9835EB
Description  Evaluation Board for the AD9835 Direct Digital Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835EB Datasheet(HTML) 7 Page - Analog Devices

  AD9835EB Datasheet HTML 1Page - Analog Devices AD9835EB Datasheet HTML 2Page - Analog Devices AD9835EB Datasheet HTML 3Page - Analog Devices AD9835EB Datasheet HTML 4Page - Analog Devices AD9835EB Datasheet HTML 5Page - Analog Devices AD9835EB Datasheet HTML 6Page - Analog Devices AD9835EB Datasheet HTML 7Page - Analog Devices AD9835EB Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
- 7 -
Rev. A
EVAL-AD9835EB
Table 5. Component Listing
Item
Qty
Reference
Description
Supplier / No.
1
1
U 1
AD9835
ADI AD9835
2
1
U 2
74HCT244
FEC 382-267
3
1
S W 1
Double throw end stackable switch
FEC 422-708
4
1
XTAL1
50MHZ CMOS/TTL Crystal
FEC 571-842
5
7
C1 C2 C4 C5 C6 C7 C9
100nF Ceramic Capacitor
FEC 146-227
6
1
C 3
10nF ceramic Capacitor
FEC 146-224
7
2
C8 C10
10uF Tantalum Capacitor
FEC 643-683
8
3
R1 R2 R3
10KW Resistor
FEC 543-627
9
1
R4
51KW Resistor
FEC 543-070
10
1
R5
3.9KW Resistor
FEC 543-524
11
1
R6
300W Resistor
FEC 543-251
12
6
PSEL1PSEL0FSELCLKIOUTREFIN
Sub Miniature BNC connector
FEC 299-844
13
1
J 1
36 Way Centronics Connector
FEC 147-753
14
3
Lk1 Lk2 Lk3
3 pin sil header
FEC 528-432
15
1
L k 4
2 pin sil header
FEC 528-432
16
4
Lk1 Lk2 Lk3 Lk4
jumper
FEC 150-410
17
1
U 2
20 pin dil solder socket
FEC 738-554
18
1
XTAL1
14 pin dil solder socket
FEC 738-529
19
1
J2 J3
Two Way Terminal Block
FEC 151-789
20
4
Rubber-Stick-On feet
Each corner
FEC 148-922
Figure 5. Eval-AD9835EB Silkscreen Artwork



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com