Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9835EB Datasheet(PDF) 2 Page - Analog Devices

Part # AD9835EB
Description  Evaluation Board for the AD9835 Direct Digital Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835EB Datasheet(HTML) 2 Page - Analog Devices

  AD9835EB Datasheet HTML 1Page - Analog Devices AD9835EB Datasheet HTML 2Page - Analog Devices AD9835EB Datasheet HTML 3Page - Analog Devices AD9835EB Datasheet HTML 4Page - Analog Devices AD9835EB Datasheet HTML 5Page - Analog Devices AD9835EB Datasheet HTML 6Page - Analog Devices AD9835EB Datasheet HTML 7Page - Analog Devices AD9835EB Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
- 2 -
Rev. A
EVAL-AD9835EB
LINK AND SWITCH OPTIONS
There are four link options which must be set for the required operating setup before using the evaluation board.
The
functions of these link options are outlined below.
Link No.
Function
LK1
When SELSRC = 0, the PSEL1 input can be controlled by the user via a SMB connector or alternatively,
by switch SW1-2.
With LK1 in position "A", PSEL1 can be controlled from an external logic source through the SMB
connector, PSEL1.
With LK1 in position"B" PSEL1 is connected to SW1, allowing the user to control the PSEL1signal
using the double throw switch, SW1-2.
LK2
When SELSRC = 0, the PSEL0 input can be controlled by the user via a SMB connector or
alternatively, by switch SW1-1.
With LK2 in position "A", PSEL0 can be controlled from an external logic source through the SMB
connector, PSEL0.
With LK2 in position"B" PSEL0 is connected to SW1, allowing the user to control the PSELOsignal
using the double throw switch, SW1-1.
LK3
When SELSRC = 0, the FSELECT input can be controlled by the user via a SMB connector or alternatively,
by switch SW1-3.
With LK3 in position "A", FSELECT can be controlled from an external logic source through the SMB
connector, FSEL1.
With LK3 in position"B" FSELECT is connected to SW1, allowing the user to control the FSELECT signal
using the double throw switch, SW1-3.
LK4
The reference to the AD9835 can be provided by the on-board reference, which is available at REFOUT,
or an external reference of nominal value 1.21 V can be used. When LK4 is closed, the on-board reference
is used. When this link is opened, REFIN is disconnected from REFOUT and the reference must be provided
by the user via the SMB connector, REFIN1.
SET-UP CONDITIONS
Care should be taken before applying power and signals to the evaluation board to ensure that all link positions are as per the
required operating mode.
Table 1 shows the position in which all the links are set when the evaluation board is packaged.
Table 1:
Initial Link and Switch Positions
Link No.
Position
Function
LK1
B
LK1 is arranged so that PSEL1 is tied to SW1-2.
LK2
B
LK2 is arranged so that PSEL0 is tied to SW1-1.
LK3
B
LK3 is arranged so that FSELECT is tied to SW1-3.
LK4
I N
REFOUT is tied to REFIN.
SW1
DVDD
All the SW1 switches are arranged so that DVDD is selected.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com