Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9835EB Datasheet(PDF) 3 Page - Analog Devices

Part # AD9835EB
Description  Evaluation Board for the AD9835 Direct Digital Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835EB Datasheet(HTML) 3 Page - Analog Devices

  AD9835EB Datasheet HTML 1Page - Analog Devices AD9835EB Datasheet HTML 2Page - Analog Devices AD9835EB Datasheet HTML 3Page - Analog Devices AD9835EB Datasheet HTML 4Page - Analog Devices AD9835EB Datasheet HTML 5Page - Analog Devices AD9835EB Datasheet HTML 6Page - Analog Devices AD9835EB Datasheet HTML 7Page - Analog Devices AD9835EB Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
- 3 -
Rev. A
EVAL-AD9835EB
SOCKETS
There are six sockets relevant to the operation of the AD9835
on this evaluation board.
The function of these sockets is
outlined in Table 3.
Table 3.
Socket Functions
Socket
Function
REFIN
Sub-Miniature BNC Socket for REFIN.
IOUT
Sub-Miniature BNC Socket for IOUT.
MCLK
Sub-Miniature BNC Socket for the MCLK
input.
FSEL
Sub-Miniature BNC Socket for FSELECT.
PSEL0
Sub-Miniature BNC Socket for PSEL0.
PSEL1
Sub-Miniature BNC Socket for PSEL1.
CONNECTORS
There are three connectors on the AD9835 evaluation board
as outlined in Table 4.
Table 4.
Connector Functions
Connector
Functions
J 1
36-Way Centronics Connector.
J 2
PCB Mounting Terminal Block.
The Digital
Power Supply to the Evaluation Board is
provided via this Connector.
J 3
PCB Mounting Terminal Block.
The Analog
Power Supply to the Evaluation Board is
provided via this Connector.
SWITCHES
There is one switch on the AD9835 evaluation board.
This
switch is a double throw, end stackable switch.
This switch
can be used to control the FSELECT, PSEL0 and PSEL1
inputs.
EVALUATION BOARD INTERFACING
Interfacing to the evaluation board is via a 36-way
centronics female connector, J1.
The pinout for the J1
connector is shown in Figure 2 and its pin designations are
given in Table 2.
Figure 2: Pin Configuration for 36-Way Connector, J1.
36-Way Connector Pin Description
DGND
Digital Ground.
These lines are connected to
the digital ground plane on the evaluation
board.
SDATA
Serial Data. Data applied to this pin is buffered
before being applied to the AD9835. The serial
data applied to the SDATA pin is written to the
serial register of the device.
The data is then
transferred to the destination register, the control
register or the FSELECT/PSEL registers, the
control bits being used to identify the destination
for the data information. The AD9835 accepts
CMOS logic levels.
SCLK
Serial Clock. The signal on this pin is buffered
before being applied to the SCLK pin of the
AD9835.
The AD9835 requires an external
serial clock when data/control information is
being written to the device.
The serial clock
can be continuous or, it can idle high or low
between write operations.
FSYNC
The signal on this pin is buffered before being
applied to the FSYNC pin of the AD9835. The
FSYNC signal frames the 16-bit word being
loaded into the AD9835, the signal going low
for 16 SCLK cycles.
Table 2.
36-Way Connector Pin Funtions
PIN NO.
MNEMONIC
2SCLK
3
SDATA
4
FSYNC
19-30
DGND
Note: The remainder of the pins on the 36-way connector are
no connects.
1
19
18
36



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com