Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9835EB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9835EB
Description  Evaluation Board for the AD9835 Direct Digital Synthesizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835EB Datasheet(HTML) 1 Page - Analog Devices

  AD9835EB Datasheet HTML 1Page - Analog Devices AD9835EB Datasheet HTML 2Page - Analog Devices AD9835EB Datasheet HTML 3Page - Analog Devices AD9835EB Datasheet HTML 4Page - Analog Devices AD9835EB Datasheet HTML 5Page - Analog Devices AD9835EB Datasheet HTML 6Page - Analog Devices AD9835EB Datasheet HTML 7Page - Analog Devices AD9835EB Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EVAL-AD9835EB
a
FEATURES
Full-Featured Evaluation Board for the AD9835
Various Linking Options
PC Software for Control of AD9835
On-Board Patchwork Area
Information furnished by Analog Devices is believed to be accurate
and reliable. However, no responsibility is assumed by Analog Devices
for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices.
OneTechnologyWay; P.O.BOX9106; Norwood, MA02062-9106 U.S.A.
Tel: 617/329-4700
Twx: 710/394-6577
Telex: 174059
Cables: ANALOG NORWOOD MASS
Rev. A
Components on the AD9835 Evaluation Board include a
50 MHz oscillator which provides the MCLK for the
AD9835.
The user can remove this oscillator, if required,
and drive the AD9835 with a different clock oscillator or
an external clock source via a BNC connector.
A digital
buffer is also on the board so that the signals from the
edge connector are buffered.
OPERATING THE AD9835 EVALUATION BOARD
Power Supplies
This evaluation board has two analog power supply inputs:
AVDD and AGND. AVDD equals +5V or +3.3V and is used
to provide the AVDD for the AD9835. DGND and DVDD
connections are also available.
The DVDD is used to
provide the DVDD for the AD9835, the 50 MHz oscillator
and the DVDD for the digital buffer. DGND and AGND
are connected under the AD9835.
Therefore, it is
recommended not to connect AGND and DGND
elsewhere in the system.
All power supplies are decoupled to ground.
AVDD and
DVDD are decoupled using 10µF tantalum capacitors and
0.1µF ceramic capacitors at the input to the evaluation
board.
The power supplies are again decoupled using
0.1µF capacitors at the AD9835, the crystal and the logic.
Evaluation Board for the AD9835
Direct Digital Synthesizer
INTRODUCTION
This Application Note describes the evaluation board for
the AD9835 Direct Digital Synthesizer (DDS).
The
AD9835 is a numerically controlled oscillator employing
a phase accumulator, a sine look-up table and a 10-bit D/
A converter.
The part can be operated with clock
frequencies up to 50 MHz.
Both phase modulation and
frequency modulation can be performed with the AD9835.
Full data on the AD9835 is available in the AD9835
datasheet available from Analog Devices and should be
consulted in conjunction with this Application Note when
using the evaluation board.
The evaluation board interfaces to the parallel port of an
IBM compatible PC.
Software is available with the
evaluation board which allows the user to easily program
the AD9835.
Figure 1: Evaluation Board Setup
P a ra lle l P o rt C e n tro n ics
Prin te r C a b le
IB M C o m p a tib le P C
AD 98 35 .E XE
A D 98 35
E valuation B oard


Similar Part No. - AD9835EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835 AD-AD9835 Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9835 AD-AD9835 Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer
REV. A
AD9835BRU AD-AD9835BRU Datasheet
160Kb / 16P
50 MHz CMOS Complete DDS
REV.0
AD9835BRU AD-AD9835BRU Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
AD9835BRU-REEL AD-AD9835BRU-REEL Datasheet
701Kb / 28P
50 MHz Direct Digital Synthesizer, Waveform Generator
REV. A
More results

Similar Description - AD9835EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF411XEB1 AD-EVAL-ADF411XEB1 Datasheet
175Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4208EB1 AD-EVAL-ADF4208EB1 Datasheet
410Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
Direct Digital Synthesizer
July 28, 2005
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
Direct Digital Synthesizer
January 19, 2010
logo
Analog Devices
UG-435 AD-UG-435 Datasheet
1Mb / 20P
Evaluation Board for the ADF4351 Fractional-N PLL Frequency Synthesizer
REV. 0
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
Direct Digital Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com