Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57006 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PD57006
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PD57006 Datasheet HTML 6Page - STMicroelectronics PD57006 Datasheet HTML 7Page - STMicroelectronics PD57006 Datasheet HTML 8Page - STMicroelectronics PD57006 Datasheet HTML 9Page - STMicroelectronics PD57006 Datasheet HTML 10Page - STMicroelectronics PD57006 Datasheet HTML 11Page - STMicroelectronics PD57006 Datasheet HTML 12Page - STMicroelectronics PD57006 Datasheet HTML 13Page - STMicroelectronics PD57006 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PD57006 - PD57006S
10/14
COMMON SOURCE S-PARAMETER (PD57006)
(VDS = 13.5V IDS = 0.2A)
FREQ
IS
11I
S
11∠Φ
IS
21I
S
21∠Φ
IS
12I
S
12∠Φ
IS
22I
S
22∠Φ
(MHz)
50
0.895
-79
29.76
130
0.033
39
0.814
-70
100
0.786
-118
18.68
102
0.041
13
0.699
-106
150
0.765
-134
12.61
90
0.042
2
0.621
-121
200
0.767
-143
9.22
80
0.041
-8
0.629
-132
250
0.778
-151
7.50
73
0.041
-15
0.629
-136
300
0.790
-156
6.09
66
0.038
-22
0.650
-141
350
0.794
-159
5.23
59
0.038
-28
0.685
-143
400
0.806
-162
4.39
54
0.036
-32
0.700
-147
450
0.814
-165
3.82
48
0.035
-37
0.724
-149
500
0.826
-167
3.30
43
0.033
-41
0.749
-152
550
0.836
-170
2.90
38
0.031
-45
0.771
-154
600
0.843
-172
2.59
34
0.029
-49
0.785
-1564
650
0.850
-174
2.32
31
0.028
-53
0.803
-158
700
0.857
-176
2.09
27
0.027
-56
0.814
-1598
750
0.863
-178
1.91
23
0.025
-59
0.829
-162
800
0.869
-180
1.76
20
0.024
-62
0.839
-163
850
0.869
178
1.61
16
0.023
-64
0.847
-165
900
0.872
177
1.50
13
0.022
-68
0.859
-166
950
0.875
175
1.40
10
0.020
-72
0.868
-168
1000
0.873
173
1.32
7
0.020
-75
0.873
-169
1050
0.875
172
1.24
3
0.019
-78
0.885
-171
1100
0.872
170
1.18
0
0.019
-81
0.886
-172
1150
0.871
168
1.12
-4
0.018
-86
0.889
-174
1200
0.864
166
1.08
-7
0.017
-92
0.890
-175
1250
0.861
164
1.03
-11
0.016
-97
0.895
-177
1300
0.855
163
1.00
-15
0.016
-102
0.896
-178
1350
0.847
160
0.96
-19
0.015
-108
0.895
-180
1400
0.835
158
0.93
-23
0.015
-111
0.897
179
1450
0.818
156
0.89
-27
0.015
-120
0.896
178
1500
0.797
153
0.88
-31
0.016
-128
0.899
177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com