Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57006 Datasheet(PDF) 6 Page - STMicroelectronics

Part # PD57006
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PD57006 Datasheet HTML 2Page - STMicroelectronics PD57006 Datasheet HTML 3Page - STMicroelectronics PD57006 Datasheet HTML 4Page - STMicroelectronics PD57006 Datasheet HTML 5Page - STMicroelectronics PD57006 Datasheet HTML 6Page - STMicroelectronics PD57006 Datasheet HTML 7Page - STMicroelectronics PD57006 Datasheet HTML 8Page - STMicroelectronics PD57006 Datasheet HTML 9Page - STMicroelectronics PD57006 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PD57006 - PD57006S
6/14
Output Power vs. Input Power
PD57006S
TYPICAL PERFORMANCE
0
0.1
0.2
0.3
0.4
Pin, INPUT POWER (W)
0
1
2
3
4
5
6
7
8
9
Vdd=28V
Idq=70mA
945 MHz
960 MHz
925 MHz
0
1
2
3
4
5
67
89
Pout, OUTPUT POWER (W)
4
6
8
10
12
14
16
18
Vdd=28V
Idq=70mA
945 MHz
960 MHz
925 MHz
Power Gain vs. Output Power
Drain Efficiency vs. Output Power
0
1
23
456789
Pout, OUTPUT POWER (W)
10
20
30
40
50
60
Vdd=28V
Idq=70mA
945 MHz
960 MHz
925 MHz
Input Return Loss vs. Output Power
01
234
56
7
8
9
Pout, OUTPUT POWER (W)
-25
-20
-15
-10
-5
0
Vdd=28V
Idq=70mA
945 MHz
960 MHz
925 MHz
Output Power vs. Bias Current
0
100
200
300
400
IDQ, BIAS CURRENT (mA)
0
2
4
6
8
10
Vdd=28V
Pin= 22.7 dBm
945 MHz
960 MHz
925 MHz
Drain Efficiency vs. Bias Current
0
100
200
300
400
IDQ, BIAS CURRENT (mA)
10
20
30
40
50
60
Vdd=28V
Pin= 22.7 dBm
945 MHz
960 MHz
925 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com