Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57006 Datasheet(PDF) 13 Page - STMicroelectronics

Part # PD57006
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button PD57006 Datasheet HTML 6Page - STMicroelectronics PD57006 Datasheet HTML 7Page - STMicroelectronics PD57006 Datasheet HTML 8Page - STMicroelectronics PD57006 Datasheet HTML 9Page - STMicroelectronics PD57006 Datasheet HTML 10Page - STMicroelectronics PD57006 Datasheet HTML 11Page - STMicroelectronics PD57006 Datasheet HTML 12Page - STMicroelectronics PD57006 Datasheet HTML 13Page - STMicroelectronics PD57006 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13/14
PD57006 - PD57006S
PowerSO-10RF Straight Lead MECHANICAL DATA
CRITICAL DIMENSIONS:
- Overall width (L)
Note (1): Resin protrusions not included (max value: 0.15 mm per side)
mm
Inch
MIN.
TYP.
MAX
MIN.
TYP.
MAX
A1
1.62
1.67
1.72
0.064
0.065
0.068
A2
3.4
3.5
3.6
0.134
0.137
0.142
A3
1.2
1.3
1.4
0.046
0.05
0.054
A4
0.15
0.2
0.25
0.005
0.007
0.009
a
0.2
0.007
b
5.4
5.53
5.65
0.212
0.217
0.221
c
0.23
0.27
0.32
0.008
0.01
0.012
D
9.4
9.5
9.6
0.370
0.374
0.377
D1
7.4
7.5
7.6
0.290
0.295
0.298
E
15.15
15.4
15.65
0.595
0.606
0.615
E1
9.3
9.4
9.5
0.365
0.37
0.375
E2
7.3
7.4
7.5
0.286
0.292
0.294
E3
5.9
6.1
6.3
0.231
0.24
0.247
F
0.5
0.019
G
1.2
0.047
R1
0.25
0.01
R2
0.8
0.031
T1
6 deg
6 deg
T2
10 deg
10 deg
DIM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com