Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD57006 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PD57006
Description  RF POWER TRANSISTORS The LdmoST Plastic FAMILY
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57006 Datasheet(HTML) 5 Page - STMicroelectronics

  PD57006 Datasheet HTML 1Page - STMicroelectronics PD57006 Datasheet HTML 2Page - STMicroelectronics PD57006 Datasheet HTML 3Page - STMicroelectronics PD57006 Datasheet HTML 4Page - STMicroelectronics PD57006 Datasheet HTML 5Page - STMicroelectronics PD57006 Datasheet HTML 6Page - STMicroelectronics PD57006 Datasheet HTML 7Page - STMicroelectronics PD57006 Datasheet HTML 8Page - STMicroelectronics PD57006 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
PD57006 - PD57006S
TYPICAL PERFORMANCE
Output Power vs. Supply Voltage
10
12
14
16
18
20
22
24
26
28
30
VDD, SUPPLY VOLTAGE (V)
1
2
3
4
5
6
7
8
Idq=70 mA
Pin= 23.6 dBm
945 MHz
960 MHz
925 MHz
Drain Efficiency vs. Supply Voltage
10
12
14
16
18
20
22
24
26
28
30
VDD, SUPPLY VOLTAGE (V)
10
20
30
40
50
60
Idq= 70 mA
Pin= 23.6 dBm
945 MHz
960 MHz
925 MHz
Output Power vs. Gate-Source Voltage
01
234
VGS, GATE-SOURCE VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9
Vdd=28V
Pin= 23.6 dBm
945 MHz
960 MHz
925 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com