Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1539 Datasheet(PDF) 7 Page - ams AG

Part # AS1539
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539 Datasheet(HTML) 7 Page - ams AG

Back Button AS1539 Datasheet HTML 3Page - ams AG AS1539 Datasheet HTML 4Page - ams AG AS1539 Datasheet HTML 5Page - ams AG AS1539 Datasheet HTML 6Page - ams AG AS1539 Datasheet HTML 7Page - ams AG AS1539 Datasheet HTML 8Page - ams AG AS1539 Datasheet HTML 9Page - ams AG AS1539 Datasheet HTML 10Page - ams AG AS1539 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
7 - 20
AS1539/AS1541
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VDD = 3.6V; VREF = 2.5V (internal), fSCL = 3.4MHz, CREF = 4.7µF, TAMB = +25ºC (unless otherwise specified).
Figure 4. DNL vs. Digital Output Code, Int. Reference
Figure 5. INL vs. Digital Output Code, Int. Reference
Figure 6. DNL vs. Digital Output Code, Ext. Reference
Figure 7. INL vs. Digital Output Code, Ext. Reference
Figure 8. Offset Error vs. Temperature
Figure 9. Offset Matching vs. Temperature
-0,375
-0,25
-0,125
0
0,125
0,25
0,375
0
256
512
768
1024
Digital Output Code
-0,25
-0,2
-0,15
-0,1
-0,05
0
0,05
0,1
0,15
0,2
0,25
0
256
512
768
1024
Digital Output Code
fSAMPLE = 50ksps
fSAMPLE = 50ksps
-0,375
-0,25
-0,125
0
0,125
0,25
0,375
0
256
512
768
1024
Digital Output Code
-0,25
-0,2
-0,15
-0,1
-0,05
0
0,05
0,1
0,15
0,2
0,25
0
256
512
768
1024
Digital Output Code
fSAMPLE = 50ksps
fSAMPLE = 50ksps
-1,5
-1
-0,5
0
0,5
1
1,5
-45 -30 -15
0
15 30
45
60 75
90
Temperature (°C)
-0,5
-0,4
-0,3
-0,2
-0,1
0
0,1
0,2
0,3
0,4
0,5
-45 -30 -15
0
15 30
45
60 75
90
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com