Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1539 Datasheet(PDF) 2 Page - ams AG

Part # AS1539
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539 Datasheet(HTML) 2 Page - ams AG

  AS1539 Datasheet HTML 1Page - ams AG AS1539 Datasheet HTML 2Page - ams AG AS1539 Datasheet HTML 3Page - ams AG AS1539 Datasheet HTML 4Page - ams AG AS1539 Datasheet HTML 5Page - ams AG AS1539 Datasheet HTML 6Page - ams AG AS1539 Datasheet HTML 7Page - ams AG AS1539 Datasheet HTML 8Page - ams AG AS1539 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
2 - 20
AS1539/AS1541
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
AS1539
AS1541
Pin Name
Description
-
1:3,16
CH0:CH3
Analog Input Channels 0 to 3
1:8
-
CH0:CH7
Analog Input Channels 0 to 7
96
GND
Analog Ground
10
7
REFIN/OUT
Internal Reference/External Reference Input
11
8
COM
Analog Input Channel Common
12
10
A0
Slave Address Bit 0
13
11
A1
Slave Address Bit 1
14
12
SCL
Serial Clock
15
13
SDA
Serial Data
16
15
+VDD
Power Supply Input. 2.7 to 5.25V.
-
4, 5, 9, 14
NC
Not Connected
10 REFIN/OUT
3
CH2
2
CH1
1
CH0
16 +VDD
AS1539
4
CH3
15 SDA
12 A0
5
CH4
8
CH7
6
CH5
7
CH6
14 SCL
13 A1
11 COM
9GND
SCL
13
6
12
A0
10
5
14
15
CH1
1
CH2
2
N/C
4
AS1541
CH3
3
7
8
N/C
9
A1
11
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com