Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1539 Datasheet(PDF) 9 Page - ams AG

Part # AS1539
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539 Datasheet(HTML) 9 Page - ams AG

Back Button AS1539 Datasheet HTML 5Page - ams AG AS1539 Datasheet HTML 6Page - ams AG AS1539 Datasheet HTML 7Page - ams AG AS1539 Datasheet HTML 8Page - ams AG AS1539 Datasheet HTML 9Page - ams AG AS1539 Datasheet HTML 10Page - ams AG AS1539 Datasheet HTML 11Page - ams AG AS1539 Datasheet HTML 12Page - ams AG AS1539 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
9 - 20
AS1539/AS1541
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 16. Supply Current vs. Supply Voltage, PD=00
Figure 17. Supply Current vs. Supply Voltage, PD=01
Figure 18. Supply Current vs. Supply Voltage, PD=11
Figure 19. Supply Current vs. Sampling Rate, PD = 11
Figure 20. FFT, Int. Reference
Figure 21. FFT, Ext. Reference
0
50
100
150
200
250
300
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
0
200
400
600
800
1000
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
0
200
400
600
800
1000
1200
0
1020
3040
50
Sampling Rate (ksps)
0
200
400
600
800
1000
2.7
3.2
3.7
4.2
4.7
5.2
Supply Voltage (V)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
5000
10000 15000 20000 25000
Input Signal Frequency (kHz)
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
0
5000
10000 15000 20000 25000
Input Signal Frequency (kHz)
fSAMPLE = 50ksps
NFFT = 32768
fSAMPLE = 50ksps
NFFT = 32768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com