Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1539 Datasheet(PDF) 5 Page - ams AG

Part # AS1539
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539 Datasheet(HTML) 5 Page - ams AG

  AS1539 Datasheet HTML 1Page - ams AG AS1539 Datasheet HTML 2Page - ams AG AS1539 Datasheet HTML 3Page - ams AG AS1539 Datasheet HTML 4Page - ams AG AS1539 Datasheet HTML 5Page - ams AG AS1539 Datasheet HTML 6Page - ams AG AS1539 Datasheet HTML 7Page - ams AG AS1539 Datasheet HTML 8Page - ams AG AS1539 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
5 - 20
AS1539/AS1541
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
Timing Characteristics
+VDD = +2.7 to 5.25V, TAMB = -40 to +85ºC (unless otherwise specified). All values referenced to VIHMIN and VILMAX
levels.
CMOS Digital I/O
VIH
Input High Logic Level
+VDD
x 0.7
+VDD
+ 0.5
V
VIL
Input Low Logic Level
-0.3
+VDD
x 0.3
V
VOL
Output Low Logic Level
3mA sink current
0.4
V
IIH
Input High Leakage Current
VIH = +VDD
1µA
IIL
Input Low Leakage Current
VIL = GND
-1
µA
Data Format
Straight binary
Power Supply Requirements
+VDD
Power Supply Voltage
Specified performance
2.7
5.25
V
IQSTAT
Analog Current in Static Mode,
3.6V
PD = 00 Full Power-Down
0.04
1.2
µA
PD = 01 Internal Ref. OFF, ADC ON
390
475
PD = 10 Internal Ref. ON, ADC OFF
440
475
PD = 11 Internal Ref. ON, ADC ON
765
825
Analog Current in Static Mode,
5.25V
PD = 00 Full Power-Down
0.04
1.5
µA
PD = 01 Internal Ref. OFF, ADC ON
430
485
PD = 10 Internal Ref. ON, ADC OFF
465
500
PD = 11 Internal Ref. ON, ADC ON
820
870
IQ
Quiescent Current at Full
Speed, 3.6V
PD = 01 Internal Ref. OFF, ADC ON
500
550
µA
PD = 11 Internal Ref. ON, ADC ON
850
925
Quiescent Current at Full
Speed, 5.25V
PD = 01 Internal Ref. OFF, ADC ON
650
725
µA
PD = 11 Internal Ref. ON, ADC ON
915
1100
1. Guaranteed by design and characterized on sample base.
2. THD measure out to 5th harmonic.
Table 4. Timing Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fSCL
SCL Frequency
0.1
3.4
MHz
tBUF
Bus Free Time Between
STOP and START Conditions
1.3
µs
THOLDSTART
Hold Time for Repeated
START Condition
160
ns
tLOW
SCL Low Period
50
75
ns
tHIGH
SCL High Period
50
75
ns
TSETUPSTART
Setup Time for Repeated
START Condition
100
ns
TSETUPDATA
Data Setup Time
10
ns
THOLDDATA
Data Hold Time
70
ns
TRISESCLK
1
SCL Rise Time
10
40
ns
TRISESCLK1
1
SCL Rise Time after
Repeated START Condition
and After an ACK Bit
10
80
ns
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com