Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LISY300AL Datasheet(PDF) 6 Page - STMicroelectronics

Part # LISY300AL
Description  MEMS inertial sensor: single-axis ±300°/s analog output yaw rate gyroscope
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LISY300AL Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LISY300AL Datasheet HTML 2Page - STMicroelectronics LISY300AL Datasheet HTML 3Page - STMicroelectronics LISY300AL Datasheet HTML 4Page - STMicroelectronics LISY300AL Datasheet HTML 5Page - STMicroelectronics LISY300AL Datasheet HTML 6Page - STMicroelectronics LISY300AL Datasheet HTML 7Page - STMicroelectronics LISY300AL Datasheet HTML 8Page - STMicroelectronics LISY300AL Datasheet HTML 9Page - STMicroelectronics LISY300AL Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Mechanical and electrical specifications
LISY300AL
6/13
2.2
Electrical characteristics
Table 4.
Electrical characteristics @ Vdd =3.3 V, T=25 °C unless otherwise noted(1)
1.
The product is factory calibrated at 3.3 V
Symbol
Parameter
Test condition
Min.
Typ.(2)
2.
Typical specifications are not guaranteed
Max.
Unit
Vdd
Supply voltage
2.7
3.3
3.6
V
Idd
Supply current
PD pin connected to GND
4.8
mA
IddPdn
Supply current in
power-down mode
PD pin connected to Vdd
1
µA
VST
Self-test input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
VPD
Power-down input
Logic 0 level
0
0.2*Vdd
V
Logic 1 level
0.8*Vdd
Vdd
CACT
Active low-pass filter
capacitor
10
nF
OVS
Output voltage swing(3)
3.
Referred to ANALOG OUTPUT pin #6
Iout = ±100µA
0.4
Vdd-0.4
V
CLOAD
Capacitive load drive(3)
0.4
10
nF
Top
Operating temperature
range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com