Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LISY300AL Datasheet(PDF) 3 Page - STMicroelectronics

Part # LISY300AL
Description  MEMS inertial sensor: single-axis ±300°/s analog output yaw rate gyroscope
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LISY300AL Datasheet(HTML) 3 Page - STMicroelectronics

  LISY300AL Datasheet HTML 1Page - STMicroelectronics LISY300AL Datasheet HTML 2Page - STMicroelectronics LISY300AL Datasheet HTML 3Page - STMicroelectronics LISY300AL Datasheet HTML 4Page - STMicroelectronics LISY300AL Datasheet HTML 5Page - STMicroelectronics LISY300AL Datasheet HTML 6Page - STMicroelectronics LISY300AL Datasheet HTML 7Page - STMicroelectronics LISY300AL Datasheet HTML 8Page - STMicroelectronics LISY300AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LISY300AL
Block diagram and pin description
3/13
1
Block diagram and pin description
Figure 1.
Block diagram
The vibration of the structure is maintained by a drive circuitry in a feedback loop. The
sensing signal is filtered and appears as an analog signal at the output.
1.1
Pin description
Figure 2.
Pin connection
Drive+
Sens+
Drive-
Sens-
Feedback+
Feedback-
CLOCK
TRIMMING
CIRCUITS
REFERENCE
DEMODULATOR
CHARGE
AMPLIFIER
PID
control
PLL
ANALOG
CONDITIONING
PHASE GENERATOR
SWITCHED
ACTIVE
FILTER
ANALOG OUTPUT
TRANS-
IMPEDANCE
AMPLIFIER
VOLTAGE
AUTOMATIC
GAIN
CONTROL
LOW-PASS
CAPACITOR
FILTER
LOW-PASS
GAIN
AMPLIFIER
+Ω
z
LISY300AL
NC
GND
NC
GND
CACT
ANALOG OUTPUT
NC
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
NC
1
7
28
22
21
15
814
(TOP VIEW)
(TOP VIEW)
DIRECTION OF THE
DETECTABLE
ANGULAR RATE
+Ω
z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com