Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LISY300AL Datasheet(PDF) 5 Page - STMicroelectronics

Part # LISY300AL
Description  MEMS inertial sensor: single-axis ±300°/s analog output yaw rate gyroscope
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LISY300AL Datasheet(HTML) 5 Page - STMicroelectronics

  LISY300AL Datasheet HTML 1Page - STMicroelectronics LISY300AL Datasheet HTML 2Page - STMicroelectronics LISY300AL Datasheet HTML 3Page - STMicroelectronics LISY300AL Datasheet HTML 4Page - STMicroelectronics LISY300AL Datasheet HTML 5Page - STMicroelectronics LISY300AL Datasheet HTML 6Page - STMicroelectronics LISY300AL Datasheet HTML 7Page - STMicroelectronics LISY300AL Datasheet HTML 8Page - STMicroelectronics LISY300AL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LISY300AL
Mechanical and electrical specifications
5/13
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
Table 3.
Mechanical characteristics @ Vdd = 3.3 V, T = 25 °C unless otherwise noted(1)
Symbol
Parameter
Test condition
Min.
Typ.(2)
Max.
Unit
FS
Measurement range
±300
°/s
So
Sensitivity
3.3
mV/ °/s
SoDr
Sensitivity change vs.
temperature
From -40 °C to +85 °C
4
%
Voff
Zero-rate level(3)
1.65
V
OffDr
Zero-rate level change
vs. temperature
From -40 °C to +85 °C
5
°/s
NL
Non linearity(4)
Best fit straight line
±0.8
% FS
BW
-3dB bandwidth(3)(5)
CACT = 10 nF
88
Hz
Rn
Rate noise density
0.1
°/s /
Vt
Self-test output
voltage change(6)
+300
mV
Sup
Start-up time
Settling to ±5 °/s
300
ms
Fres
Sensing element
resonant frequency
4.5
kHz
Top
Operating
temperature range
-40
+85
°C
Wh
Product weight
160
mg
1.
The product is factory calibrated at 3.3 V. The operational power supply range is specified in Table 4.
2.
Typical specifications are not guaranteed
3.
The product is capable of sensing angular rates extending from DC to the selected bandwidth
4.
Guaranteed by design
5.
User selectable by external capacitor CACT
6.
“Self-test output voltage change” is defined as Vout(Vst = logic 1) - Vout(Vst = logic 0)
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com