Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LISY300AL Datasheet(PDF) 8 Page - STMicroelectronics

Part # LISY300AL
Description  MEMS inertial sensor: single-axis ±300°/s analog output yaw rate gyroscope
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LISY300AL Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LISY300AL Datasheet HTML 4Page - STMicroelectronics LISY300AL Datasheet HTML 5Page - STMicroelectronics LISY300AL Datasheet HTML 6Page - STMicroelectronics LISY300AL Datasheet HTML 7Page - STMicroelectronics LISY300AL Datasheet HTML 8Page - STMicroelectronics LISY300AL Datasheet HTML 9Page - STMicroelectronics LISY300AL Datasheet HTML 10Page - STMicroelectronics LISY300AL Datasheet HTML 11Page - STMicroelectronics LISY300AL Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Mechanical and electrical specifications
LISY300AL
8/13
2.4
Terminology
2.4.1
Sensitivity
A yaw rate gyroscope is a Z-axis rate device that produces a positive-going output voltage
for counterclockwise rotation around the axis normal to the package top. Sensitivity
describes the gain of the sensor and can be determined by applying a defined angular
velocity to it. This value changes very little over temperature and also very little over time.
2.4.2
Zero-rate level
Zero-rate level describes the actual output signal if there is no angular rate present. For a
3.3 V powered sensor the absolute zero-rate output is ideally 1.65 V. Zero-rate level of
precise MEMS sensors is, to some extent, a result of stress to the sensor and therefore
zero-rate level can slightly change after mounting the sensor onto a printed circuit board or
after exposing it to extensive mechanical stress. This value changes very little over
temperature and also very little over time.
2.4.3
Self-test
Self-test allows to test the mechanical and electric part of the sensor, allowing the seismic
mass to be moved by means of an electrostatic test-force. The Self-test function is off when
the ST pin is connected to GND. When the ST pin is tied to Vdd, an actuation force is
applied to the sensor, emulating a definite Coriolis force. In this case the sensor output will
exhibit a voltage change in its DC level which is also depending on the supply voltage. When
ST is active, the device output level is given by the algebraic sum of the signals produced by
the velocity acting on the sensor and by the electrostatic test-force. If the output signals
change within the amplitude specified in Table 3, then the mechanical element is working
properly and the parameters of the interface chip are within the defined specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com