Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FVC Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 29Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 30Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 31Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 32Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 33Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 34Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 35Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 36Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 33
6.7
Advanced Operation
DA7282 features several advanced modes of operation to fine-tune actuator haptic performance.
6.7.1
Frequency Tracking
The closed-loop frequency tracking on DA7282 is implemented via a proportional-integral (PI) controller. The
proportional coefficient is stored in FRQ_PID_Kp_H/L and the integral coefficient in FRQ_PID_Ki_H/L. The
default values of the coefficients are optimized to cover a wide range of actuators with typical settling times of
approximately 40 ms from a 20 % frequency offset. If further optimization is required to target a specific actuator
the coefficients can be updated. The LRA tuning tool in the DA7282 SmartCanvas GUI provides an intuitive and
graphical way to easily adjust the Kp and Ki coefficients.
To increase absolute accuracy of the lock during playback, DA7282 supports automatic scaling of the frequency
tracking controller proportional coefficient. This feature is enabled via FREQ_TRACKING_AUTO_ADJ and
becomes active after the device has achieved initial frequency lock. The FRQ_LOCKED_LIM value is used to
determine the threshold for the initial lock and can be scaled up or down depending on system requirements. If
optimizing FRQ_PID_K<x> coefficients with the FREQ_TRACK_AUTO_ADJ enabled in normal operation,
ensure that the closed loop is stable for a step response when FREQ_TRACK_AUTO_ADJ is set at either 0 or 1.
The resonant frequency tracking algorithm converges to the correct value from up to 25 % offset between the
initial nominal datasheet value and the actual resonant frequency. This range is conservative to prevent
unwanted behavior. A fault triggers if the actuator resonant frequency is outside the 50 Hz to 300 Hz range. To
block these checks, set FREQ_TRACKING_FORCE_ON = 1.
FRQ_TRACK_BEMF_LIM disables the frequency tracking if the BEMF signal becomes too low. It should always
be set lower than the value in RAPID_STOP_LIM.
The instantaneous value of the resonant frequency period is updated every half-period and written to
LRA_PER_ACTUAL_H/L. The values can be converted to period using the following formula:
������������������ ������������������������������������ (������������) = 1333.32 × 10−9 × (128 × ������������������_������������������_������������������������������������_������ + ������������������_������������������_������������������������������������_������)
(10)
If more accurate information is required (for example if a frequency tracking enabled sequence is played to
determine the resonant frequency before entering wideband operation), the average resonant frequency
information over the last four half-periods is written to LRA_PER_AVERAGE_H/L. The values can be converted
to period using the following formula:
������������������ ������������������������������������ (������������) = 1333.32 × 10−9 × (128 × ������������������_������������������_������������������������������������������_������ + ������������������_������������������_������������������������������������������_������)
(11)
6.7.2
Rapid Stop
The Rapid Stop algorithm relies on actuator BEMF sensing to detect actuator motion during a stop-to-zero LRA
acceleration. The algorithm provides a stopping signal to the LRA until the actuator crosses the point of no
acceleration. Since drive updates happen only at the zero-cross point, this introduces latency that may cause the
actuator to overshoot the stop position. Due to this, the Rapid Stop will also trigger at a pre-determined threshold
set by RAPID_STOP_LIM. The default setup covers most actuators, but if Rapid Stop is too short (actuator not
fully stopped), the register value should be decreased; and if Rapid Stop overshoots (actuator stopped and then
reversed), the register value should be increased.
NOTE
The Rapid Stop algorithm can be triggered only for sequences longer than three half-periods.
6.7.3
Initial Impedance Update
DA7282 performs an impedance measurement at the very first half-period of drive at the start of playback. This
allows a one-shot update of V2I_FACTOR_H/L to take into account specific actuator variation for increased
voltage accuracy of the drive. The result is reported to IMPEDANCE_H/L, which can be read by the host and
converted to impedance using the following formula:
������������������������������������������������ ������������������������������������������������������(������������������������������������������) = (������������������������������������������������������_������ × 4 + ������������������������������������������������������_������) × 0.0625Ω
(12)
To disable this feature, set V2I_FACTOR_FREEZE and CALIB_IMPEDANCE_DIS = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com