Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FVC Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 10Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 11Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 12Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 13Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 14Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 15Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 16Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 17Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 14
5.5
Thermal Specifications
Table 10. WLCSP thermal ratings
Parameter
Description (Note 1)
Min
Typ
Max
Unit
RƟJA
Junction-to-ambient thermal resistance
90.3
°C/W
RƟJC_TOP
Junction-to-case (top) thermal resistance
43.6
°C/W
RƟJB
Junction-to-board thermal resistance
49.0
°C/W
JT
Junction-to-top characterization parameter
6.4
°C/W
JB
Junction-to-board characterization parameter
45.8
°C/W
Note 1
Multilayer JEDEC standard, still air, ambient temperature 25 °C, simulated value.
Table 11. QFN thermal ratings
Parameter
Description (Note 1)
Min
Typ
Max
Unit
RƟJA
Junction-to-ambient thermal resistance
88.2
°C/W
RƟJC_TOP
Junction-to-case (top) thermal resistance
54.6
°C/W
RƟJB
Junction-to-board thermal resistance
39.3
°C/W
JT
Junction-to-top characterization parameter
3.4
°C/W
JB
Junction-to-board characterization parameter
50.0
°C/W
RƟJC_BOTTOM
Junction-to-case (bottom) thermal resistance
4.4
°C/W
Note 1
Multilayer JEDEC standard, still air, ambient temperature 25 °C, simulated value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com