Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FVC Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 35Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 36Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 37Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 38Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 39Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 40Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 41Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 42Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 39
6.7.14 BEMF Fault Limit
To detect malfunctioning actuators that have stopped moving due to a mechanical fault, DA7282 can be
configured to trigger an actuator fault if the BEMF voltage level falls below a threshold for long drive durations.
The threshold for detection is set in BEMF_FAULT_LIM; a zero value of the register disables the fault checking.
6.7.15 Increasing Impedance Detection Accuracy
To increase the accuracy of the impedance reading in IMPEDANCE_H and IMPEDANCE_L, the register
V2I_FACTOR_OFFSET_EN could be set to 0. This removes an algorithmic offset utilized by the acceleration
algorithm. Should V2I_FACTOR_OFFSET_EN be equal to 0, ACCELERATION_EN is recommended to be set
to 0.
6.7.16 Frequency Pause during Rapid Stop
To address low mechanical time constant LRAs (start/stop times less than 20 ms) and improve the braking
behavior, DA7282 has the option to pause frequency tracking during the execution of the Rapid Stop algorithm
by setting FRQ_PAUSE_ON_POLARITY_CHANGE to 1.
6.7.17 Frequency Pause during Rapid Stop
If DA7282 is used with LRAs that have significant BEMF voltage amplitude that can transiently exceed the IR
drop across an actuator when reversing the phase of the drive signal, it is recommended to set
DELAY_BYPASS to 0.
6.7.18 Coin ERM Operation
The term coin ERM is used to describe an eccentric rotating mass actuator that is flat and has coin-like external
appearance. The eccentric rotating mass is circular and contains two coil windings that are used for
commutation, see Figure 23.
INN
INP
Plan View
Elevation View
Case
Case
Rotor Top
Rotor
Rotor Bottom
Stator
Coils
Commutator PCB
Stator
Magnet
Brushes
Shaft
Electrical Commutation
1
2
A
A’
B
B’
C
C’
Commutator PCB Electrical Diagram
A
A’
B
B’
C
C’
1
2
A
A’
B
B’
C
C’
Commutation Event 1: Single Inductor
1
2
A
A’
B
B’
C
C’
Commutation Event 2: Double Inductor
VOUT Constant Current
Driven System
Time [s]
VOUT
Coil 1 in series with Coil 2
Coil 1 or Coil 2
View w/o Case
Rotor
Stator
Coil 1 and 2
in parallel
1
2
A
A’
B
B’
C
C’
Commutation Event 3: Parallel Inductors
Figure 23. Coin ERM physical and electrical summary
Due to the commutation of the motor, the impedance varies between one coil, two coils in series, and for very
short periods two coils in parallel. Due to this behavior, DA7282 cannot extract the BEMF and actuator motion is
not detectable for coin ERM actuators. Therefore, Active Acceleration and Rapid Stop features are not available.
Manual overdrive or underdrive of the coin ERM to speed up the transition between two levels of acceleration is
possible and recommended for better user experience. Note that due to the varying impedance and the constant
current drive of DA7282, the output voltage will vary, with no effect on the performance of the DA7282, see
Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com