Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA7282-00FVC Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7282-00FVC Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA7282-00FVC Datasheet HTML 9Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 10Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 11Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 12Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 13Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 14Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 15Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 16Page - Renesas Technology Corp DA7282-00FVC Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 75 page
background image
LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
R15DS0041EE0330 Rev.3.30
June 16, 2026
CFR0011-120-00
Page 13
5.4
Timing Specifications
Unless otherwise noted, the parameters listed in Table 8 are valid for TA = 25 ºC, VDD = 3.8 V, and VDDIO = 1.8 V.
Table 8. Timing characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
tON
Cold boot to IDLE state time
VDD present and VDDIO = VDDIO
1.2
1.5
ms
tOUT_IDLE
Time to output from IDLE state
From GPI or I2C trigger to output drive
0.75
ms
tOUT_STANDBY
Time to output from STANDBY
state
From GPI or I2C trigger to output drive
0.15
ms
STOP
SDA
SCL
tFALL
tRISE
tFALL
START
tHOLD_START
tHOLD_DATA
1/fSCL
70%
30%
70%
30%
tSETUP_DATA
tLO_SCL
tHI_SCL
tDATA
ACK
tDATA_ACK
tSETUP_STOP
tSETUP_START
Figure 4. I2C interface timing
Table 9. I2C interface timing requirements
Parameter
Description
Conditions
Min
Max
Unit
tBUF
Bus free time from STOP to START condition
0.5
µs
Standard, Fast, and Fast-Plus Modes
CBUS
Bus line capacitive load
520
pF
fSCL
SCL clock frequency
0
1000
(Note 1)
kHz
tSETUP_START
Start condition setup time
0.26
µs
tHOLD_START
Start condition hold time
0.26
µs
tLO_SCL
SCL low time
0.5
µs
tHI_SCL
SCL high time
0.26
µs
tRISE
SCL and SDA rise time
120
ns
tFALL
SCL and SDA fall time
120
ns
tSETUP_DATA
Data setup time
50
ns
tHOLD_DATA
Data hold-time
0
ns
tSETUP_STOP
Stop condition setup time
0.26
µs
tDATA
Data valid time
0.45
µs
tDATA_ACK
Data valid acknowledge time
0.45
µs
tSPIKE
Spike suppression (SCL, SDA)
Fast/Fast+ mode
50
ns
Note 1
fSCL maximum is 400 kHz at VDDIO ≤ 1.65 V and 1000 kHz at VDDIO > 1.65 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com