Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6690 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 7Page - Renesas Technology Corp FN6690 Datasheet HTML 8Page - Renesas Technology Corp FN6690 Datasheet HTML 9Page - Renesas Technology Corp FN6690 Datasheet HTML 10Page - Renesas Technology Corp FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp FN6690 Datasheet HTML 13Page - Renesas Technology Corp FN6690 Datasheet HTML 14Page - Renesas Technology Corp FN6690 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 11 of 19
Sep 26, 2008
LEAP YEARS
Leap years add the day February 29 and are defined as those
years that are divisible by 4. Years divisible by 100 are not leap
years, unless they are also divisible by 400. This means that the
year 2000 is a leap year, the year 2100 is not. The ISL12008 does
not correct for the leap year in the year 2100.
Control and Status Registers
Addresses [07h to 0Bh]
The Control and Status Registers consist of the Status
Register, Interrupt and Alarm Register, Analog Trimming and
Digital Trimming Registers.
Status Register (SR) [Address 0Bh]
The Status Register is located in the memory map at address
0Bh. This is a volatile register that provides either control or
status of RTC failure, battery mode, alarm trigger, crystal
oscillator status, ReSeal™ and auto reset of status bits.
REAL TIME CLOCK FAIL BIT (RTCF)
This bit is set to a “1” after a total power failure. This is a read
only bit that is set by hardware (ISL12008 internally) when the
device powers up after having lost all power to the device (both
VDD and VBAT go to 0V). The bit is set regardless of whether
VDD or VBAT is applied first. The loss of only one of the
supplies does not set the RTCF bit to “1”. On power-up after a
total power failure, all registers are set to their default states
and the clock will not increment until at least one byte is written
to the clock register. The first valid write to the RTC section
after a complete power failure resets the RTCF bit to “0”
(writing one byte is sufficient).
BATTERY BIT (BAT)
This bit is set to a “1” when the device enters battery backup
mode. This bit can be reset either manually by the user or
automatically reset by enabling the auto-reset bit (see ARST
bit). A write to this bit in the SR can only set it to “0”, not “1”.
ALARM BIT (ALM)
These bits announce if the alarm matches the real time clock. If
there is a match, the respective bit is set to “1”. This bit can be
manually reset to “0” by the user or automatically reset by
enabling the auto-reset bit (see ARST bit). A write to this bit in
the SR can only set it to “0”, not “1”.
NOTE: An alarm bit that is set by an alarm occurring during an SR read
operation will remain set after the read operation is complete.
ReSeal (RESEAL)
The ReSeal™ enables the device enter into the InterSeal™
Battery Saver mode after manufacture testing for board
functionality. The factory default setting of this bit is “0”. The
RESEAL must be set to “0” to enable the battery function
during normal operation or full functional testing. To use the
ReSeal function, simply set RESEAL bit to “1” after the testing
is completed. It will enable the InterSeal™ Battery Saver mode
and prevents battery current drain before it is first used.
AUTO RESET ENABLE BIT (ARST)
This bit enables/disables the automatic reset of the BAT, ALM
and TMR status bits only. When ARST bit is set to “1”, these
status bits are reset to “0” after a valid read of the respective
status register (with a valid STOP condition). When the ARST
is cleared to “0”, the user must manually reset the BAT and
ALM bits.
Interrupt Control Register (INT) [Address 08h]
LOW POWER MODE BIT (LPMODE)
This bit enables/disables low power mode. With
LPMODE = “0”, the device will be in normal mode and the
VBAT supply will be used when VDD < VBAT - VBATHYS and
VDD < VTRIP. With LPMODE = “1”, the device will be in low
power mode and the VBAT supply will be used when
VDD < VBAT -VBATHYS. There is a supply current saving of
about 600nA when using LPMODE = “1” with VDD = 5V. (See
“Typical Performance Curves” on page 6: IDD vs VCC with
LPMODE ON and OFF.)
ALARM ENABLE BIT (ALME)
This bit enables/disables the alarm function. When the ALME bit
is set to “1”, the alarm function is enabled. When the ALME bit is
cleared to “0”, the alarm function is disabled. ALME bit is set to “0”
at power-up.
Oscillator Fail Register (OF) [Address 09h]
OSCILLATOR FAIL BIT (OF)
This bit is set to a “1” when the X1 pin has no oscillation. This
bit can be reset when the X1 has crystal oscillation and a write
to “0”. This bit can only be written as “0” and not as a “1”. The
OF bit is set to “1” at power up from a complete power down
(VDD and VBAT are removed). Address 1, bit 7 is also used as
the OF bit for M41T00S compatibility, and the two OF bits are
interchangable.
TABLE 2. STATUS REGISTER (SR)
ADDR
7
6
5
4
3
2
1
0
0Bh
ARST
0
RESEAL
0
0
ALM BAT RTCF
Default
0
0
0
0
0
0
1
1
TABLE 3. INTERRUPT CONTROL REGISTER (INT)
ADDR
7
6
5
4
3210
08h
0
ALME LPMODE
0
0000
Default
0
0
0
0
0
0
0
0
TABLE 4. INTERRUPT CONTROL REGISTER (INT)
ADDR
7
6543210
09h
OF
000
0000
Default
1
0000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com