Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6690 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp FN6690 Datasheet HTML 13Page - Renesas Technology Corp FN6690 Datasheet HTML 14Page - Renesas Technology Corp FN6690 Datasheet HTML 15Page - Renesas Technology Corp FN6690 Datasheet HTML 16Page - Renesas Technology Corp FN6690 Datasheet HTML 17Page - Renesas Technology Corp FN6690 Datasheet HTML 18Page - Renesas Technology Corp FN6690 Datasheet HTML 19Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 15 of 19
Sep 26, 2008
Device Addressing
Following a start condition, the master must output a Slave
Address Byte. The 7 MSBs are the device identifiers. These
bits are “1101000”.
The last bit of the Slave Address Byte defines a read or write
operation to be performed. When this R/W bit is a “1”, then a
read operation is selected (refer to Figure 16). When this R/W
bit is a “0” , then a write operation (refer to Figure 12).
After loading the entire Slave Address Byte from the SDA bus,
the ISL12008 compares the Slave bit and device select bits
with “1101000”. Upon a correct compare, the device outputs an
acknowledge on the SDA line.
Following the Slave Byte is a one byte word address. The word
address is either supplied by the master device or obtained
from an internal counter. On power-up, the internal address
counter is set to address 0h, so a current address read of the
CCR array starts at address 0h. When required, as part of a
random read, the master must supply the 1 Word Address
Bytes, as shown in Figure 14.
In a random read operation, the slave byte in the “dummy
write” portion must match the slave byte in the “read” section.
For a random read of the Clock/Control Registers, the slave
byte must be “1101000x” in both places.
Write Operation
A Write operation requires a START condition, followed by a
valid Identification Byte, a valid Address Byte, a Data Byte, and
a STOP condition. After each of the three bytes, the ISL12008
responds with an ACK. After received the STOP condition, the
ISL12008 writes the data into the memory, then the I2C bus
enters a standby state. After a Write operation, the internal
address pointer will remain at the address for the last data byte
written.
Read Operation
A Read operation consists of a three byte instruction followed
by one or more Data Bytes (see Figure 14). The master
initiates the operation issuing the following sequence: a
START, the Identification byte with the R/W bit set to “0”, an
Address Byte, a second START, and a second Identification
byte with the R/W bit set to “1”. After each of the three bytes,
the ISL12008 responds with an ACK. Then the ISL12008
transmits Data Bytes as long as the master responds with an
ACK during the SCL cycle following the eighth bit of each byte.
The master terminates the read operation (issuing a STOP
condition) following the last bit of the last Data Byte (see Figure
14).
The Data Bytes are from the memory location indicated by an
internal address pointer. This internal address pointer initial
value is determined by the Address Byte in the Read operation
instruction, and increments by one during transmission of each
Data Byte.
FIGURE 13. SLAVE ADDRESS, WORD ADDRESS, AND DATA
BYTES
SLAVE
ADDRESS BYTE
D7
D6
D5
D2
D4
D3
D1
D0
A0
A7
A2
A4
A3
A1
DATA BYTE
A6
A5
1
10
0
1
0
R/W
0
WORD ADDRESS
FIGURE 14. READ SEQUENCE
SIGNALS
FROM THE
MASTER
SIGNALS FROM
THE SLAVE
SIGNAL AT
SDA
S
T
A
R
T
IDENTIFICATION
BYTE WITH
R/W = 0
ADDRESS
BYTE
A
C
K
A
C
K
0
S
T
O
P
A
C
K
1
IDENTIFICATION
BYTE WITH
R/W = 1
A
C
K
S
T
A
R
T
LAST READ
DATA BYTE
FIRST READ
DATA BYTE
A
C
K
10
1
1000
10
1
10 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com