Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6690 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # FN6690
Description  ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6690 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button FN6690 Datasheet HTML 9Page - Renesas Technology Corp FN6690 Datasheet HTML 10Page - Renesas Technology Corp FN6690 Datasheet HTML 11Page - Renesas Technology Corp FN6690 Datasheet HTML 12Page - Renesas Technology Corp FN6690 Datasheet HTML 13Page - Renesas Technology Corp FN6690 Datasheet HTML 14Page - Renesas Technology Corp FN6690 Datasheet HTML 15Page - Renesas Technology Corp FN6690 Datasheet HTML 16Page - Renesas Technology Corp FN6690 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ISL12008 I2C Real Time Clock with Battery Backup
FN6690 Rev 1.00
Page 13 of 19
Sep 26, 2008
high. The FT/OUT pin voltage level is controlled by the voltage
of the pull-up resistor on FT/OUT pin. When the OUT is set to
“0” and FT is set to “0”, the FT/OUT pin is set to logic level low.
The voltage level of FT/OUT is set to VOL level. The OUT bit is
set to “1” on power-up. The FT/OUT pin is an open drain output
requires the use of a pull-up resistor.
Alarm Registers
Addresses [0Ch to 11h]
The Alarm register bytes are set up identical to the RTC
register bytes, except that the MSB of each byte functions as
an enable bit (enable = “1”). These enable bits specify which
alarm registers (seconds, minutes, etc.) are used to make the
comparison. Note that there is no alarm byte for year and sub-
second, and the register order for Alarm register is not a 100%
matching to the RTC register so please take caution on
programming the alarm function.
The alarm function works as a comparison between the alarm
registers and the RTC registers. As the RTC advances, the
alarm will be triggered once a match occurs between the alarm
registers and the RTC registers. Any one alarm register,
multiple registers, or all registers can be enabled for a match.
To clear an alarm, the ALM status bit must be set to “0” with a
write. Note that if the ARST bit is set to “1” (address 0Bh, bit 7),
the ALM bit will automatically be cleared when the status
register is read.
I2C Serial Interface
The ISL12008 supports a bidirectional bus oriented protocol.
The protocol defines any device that sends data onto the bus
as a transmitter and the receiving device as the receiver. The
device controlling the transfer is the master and the device
being controlled is the slave. The master always initiates data
transfers and provides the clock for both transmit and receive
operations. Therefore, the ISL12008 operates as a slave
device in all applications.
All communication over the I2C bus is conducted by sending
the MSB of each byte of data first.
Protocol Conventions
Data states on the SDA line can change only during SCL LOW
periods. SDA state changes during SCL HIGH are reserved for
indicating START and STOP conditions (see Figure 10). On
power-up of the ISL12008, the SDA pin is in the input mode.
All I2C bus operations must begin with a START condition,
which is a HIGH to LOW transition of SDA while SCL is HIGH.
The ISL12008 continuously monitors the SDA and SCL lines
for the START condition and does not respond to any
command until this condition is met (see Figure 10). A START
condition is ignored during the power-up sequence.
All I2C bus operations must be terminated by a STOP
condition, which is a LOW to HIGH transition of SDA while SCL
is HIGH (see Figure 10). A STOP condition at the end of a read
operation or at the end of a write operation to memory only
places the device in its standby mode.
An acknowledge (ACK) is a software convention used to
indicate a successful data transfer. The transmitting device,
either master or slave, releases the SDA bus after transmitting
8 bits. During the ninth clock cycle, the receiver pulls the SDA
line LOW to acknowledge the reception of the 8 bits of data
(see Figure 11).
The ISL12008 responds with an ACK after recognition of a
START condition followed by a valid Identification Byte, and
once again after successful receipt of an Address Byte. The
ISL12008 also responds with an ACK after receiving a Data
Byte of a write operation. The master must respond with an
ACK after receiving a Data Byte of a read operation.
FIGURE 10. VALID DATA CHANGES, START, AND STOP CONDITIONS
SDA
SCL
START
DATA
DATA
STOP
STABLE
CHANGE
DATA
STABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com