Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RN Datasheet(PDF) 11 Page - STMicroelectronics

Part # PSD211RN
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RN Datasheet(HTML) 11 Page - STMicroelectronics

Back Button PSD211RN Datasheet HTML 7Page - STMicroelectronics PSD211RN Datasheet HTML 8Page - STMicroelectronics PSD211RN Datasheet HTML 9Page - STMicroelectronics PSD211RN Datasheet HTML 10Page - STMicroelectronics PSD211RN Datasheet HTML 11Page - STMicroelectronics PSD211RN Datasheet HTML 12Page - STMicroelectronics PSD211RN Datasheet HTML 13Page - STMicroelectronics PSD211RN Datasheet HTML 14Page - STMicroelectronics PSD211RN Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Table 1.
PSD211R Pin
Descriptions
(cont.)
PSD211R Family
8
Name
Type
Description
These pins make up Port C. These port pins are configurable, and
can have the following functions (see Figure 7):
1. PAD input—when configured as an input, a bit individually
PC0
becomes an address or a logic input, depending on your PSDsoft
PC1
I/O
design file. When declared as an address, the bits are latched
PC2
with ALE/AS.
2. PAD output—when configured as an output (i.e. there is an
equation written for it in your PSDsoft design file), there is one
product term available to it.
AD0
AD1
AD2
These pins are the multiplexed, low-order address/data byte
AD3
I/O
(AD0-AD7). As inputs, address information is latched by the ALE/AS
AD4
signal and used internally by the PSD. The pins also serve as MCU
AD5
data bus inputs or outputs, depending on the MCU control signals
AD6
(RD, WR, etc.).
AD7
A8
A9
A10
A11
I/O
These pins are the high-order address inputs (A8-A15).
A12
A13
A14
A15
GND
P
Ground Pin
VCC
P
Supply voltage input.
Legend: The Type column abbreviations are: I = input only; I/O = input/output; P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com