Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RN Datasheet(PDF) 22 Page - STMicroelectronics

Part # PSD211RN
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RN Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PSD211RN Datasheet HTML 18Page - STMicroelectronics PSD211RN Datasheet HTML 19Page - STMicroelectronics PSD211RN Datasheet HTML 20Page - STMicroelectronics PSD211RN Datasheet HTML 21Page - STMicroelectronics PSD211RN Datasheet HTML 22Page - STMicroelectronics PSD211RN Datasheet HTML 23Page - STMicroelectronics PSD211RN Datasheet HTML 24Page - STMicroelectronics PSD211RN Datasheet HTML 25Page - STMicroelectronics PSD211RN Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
PSD211R Family
19
12.
Control Signals
(Cont.)
Signal State Just
Signal State
After Reset
Port
Configured Mode of Operation
During Reset
(Note 1)
AD0/A0-
All
Input (Hi-Z)
MCU address
AD15/A15
and/or data
MCU I/O
Input (Hi-Z)
Input (Hi-Z)
Port Pins
PSD211R,
Logic 0
MCU address
PA0-PA7
Latched Address Out
ZPSD211R
ZPSD211RV
Hi-Z
MCU address
MCU I/O
Input (Hi-Z
Input (Hi-Z)
Chip Select Outputs,
PSD211R,
Logic 1
Per CS equations
Port Pins
CS0-CS7, CMOS
ZPSD211R
PB0-PB7
ZPSD211RV
Hi-Z
Per CS equations
Chip Select Outputs,
PSD211R,
Hi-Z
Per CS equations
CS0-CS7, Open Drain
ZPSD211R
ZPSD211RV
Hi-Z
Per CS equations
Address or Logic Inputs, A16-A18
Input (Hi-Z)
Input (Hi-Z)
Port Pins
Chip Select Outputs,
PSD211R,
Logic 1
Per CS equations
PC0-PC2
CS8-CS10, CMOS
ZPSD211R
ZPSD211RV
Hi-Z
Per CS equations
Table 8A. External PSD Signal States During and Just After Reset
NOTE: 1. Signal is valid immediately after reset for non-V devices. ZPSD211RV devices need an additional
500 nsec after reset before signal is valid.
Internal
Internal Signal
Signal State
State During
During
Component
Internal Signal
Reset
Power-Down
CS0-CS10
Logic 1 (inactive)
Per CS Equations
PAD A and PAD B
CSIOPORT,
Per equations
ES0-ES7
Logic 0 (inactive)
for each
internal signal
All registers in CSIOPORT
N/A
address space, including:
 Direction
Logic 0 in all bit of
Logic 0 until
 Data
all registers
changed by MCU
 PMR (turbo bit, ZPSD only)
Table 8B. Internal PSD Signal States During and Just After Reset
NOTE: N/A = Not Applicable
RESET LOW
VIH
RESET HIGH
ZPSD211R(V)
IS OPERATIONAL
500 ns
500 ns
VIL
Figure 8. The Required Reset Cycle for ZPSD211RV Devices Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com