Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RN Datasheet(PDF) 4 Page - STMicroelectronics

Part # PSD211RN
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RN Datasheet(HTML) 4 Page - STMicroelectronics

  PSD211RN Datasheet HTML 1Page - STMicroelectronics PSD211RN Datasheet HTML 2Page - STMicroelectronics PSD211RN Datasheet HTML 3Page - STMicroelectronics PSD211RN Datasheet HTML 4Page - STMicroelectronics PSD211RN Datasheet HTML 5Page - STMicroelectronics PSD211RN Datasheet HTML 6Page - STMicroelectronics PSD211RN Datasheet HTML 7Page - STMicroelectronics PSD211RN Datasheet HTML 8Page - STMicroelectronics PSD211RN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
1
1.0
Introduction
Programmable Peripheral
PSD211R
Field-Programmable Microcontroller Peripheral
The low cost PSD211R family integrates high-performance and user-configurable blocks of
EPROM and programmable logic into one part. The PSD211R products also provide a
powerful microcontroller interface that eliminates the need for external “glue logic”. The
part’s integration, small form factor, low power consumption, and ease of use make it the
ideal part for interfacing to virtually any microcontroller.
The major functional blocks of the PSD211R include:
• Two programmable logic arrays
• 256 Kb of EPROM
• Input latches
• Programmable I/O ports
• Programmable security
The PSD211R family architecture (Figure 1) can efficiently interface with, and enhance,
almost any 8-bit multiplexed microcontroller system. This solution provides microcontrollers
the following:
• Chip-select logic, control logic, and latched address signals that are otherwise
implemented discretely
• Port expansion (reconstructs lost microcontroller I/O)
• An EPROM (with security)
• Compatible with 8031-type architectures that use separate Program and Data Space.
Updated March 1, 1999. See page 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com