Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD211RN Datasheet(PDF) 2 Page - STMicroelectronics

Part # PSD211RN
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RN Datasheet(HTML) 2 Page - STMicroelectronics

  PSD211RN Datasheet HTML 1Page - STMicroelectronics PSD211RN Datasheet HTML 2Page - STMicroelectronics PSD211RN Datasheet HTML 3Page - STMicroelectronics PSD211RN Datasheet HTML 4Page - STMicroelectronics PSD211RN Datasheet HTML 5Page - STMicroelectronics PSD211RN Datasheet HTML 6Page - STMicroelectronics PSD211RN Datasheet HTML 7Page - STMicroelectronics PSD211RN Datasheet HTML 8Page - STMicroelectronics PSD211RN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
i
PSD211R Family
PSD211R
ZPSD211R
ZPSD211RV
Low Cost Microcontroller Peripherals
Table of Contents
1
Introduction ...........................................................................................................................................................1
2
Notation ................................................................................................................................................................2
3
Key Features ........................................................................................................................................................4
4
PSD211R Family Feature Summary ....................................................................................................................5
5
Partial Listing of Microcontrollers Supported ........................................................................................................5
6
Applications ..........................................................................................................................................................5
7
ZPSD Background ................................................................................................................................................5
7.1
Integrated Power ManagementTM Operation .............................................................................................6
8
Operating Mode ....................................................................................................................................................9
9
Programmable Address Decoder (PAD)...............................................................................................................9
10
I/O Port Functions ...............................................................................................................................................12
10.1
CSIOPORT Registers..............................................................................................................................12
10.2
Port A (PA0-PA7).....................................................................................................................................12
10.3
Port B (PB0-PB7).....................................................................................................................................14
10.4
Port C (PC0-PC2) ....................................................................................................................................15
11
PSD Memory ......................................................................................................................................................16
11.1
EPROM....................................................................................................................................................16
11.2
Programming and Erasure.......................................................................................................................16
12
Control Signals ...................................................................................................................................................16
12.1
ALE or AS ................................................................................................................................................17
12.2
WR or R/W...............................................................................................................................................17
12.3
RD/E ........................................................................................................................................................17
12.4
PSEN .......................................................................................................................................................17
12.5
A19/CSI ...................................................................................................................................................17
12.6
Reset Input ..............................................................................................................................................18
13
Program/Data Space and the 8031 ....................................................................................................................20
14
Systems Applications..........................................................................................................................................21
15
Security Mode .....................................................................................................................................................23
16
Power Management............................................................................................................................................23
16.1
CSI Input..................................................................................................................................................23
16.2
CMiser Bit ................................................................................................................................................23
16.3
Turbo Bit (ZPSD Only).............................................................................................................................24
16.4
Number of Product Terms in the PAD Logic............................................................................................24
16.5
Composite Frequency of the Input Signals to the PAD Logic..................................................................25
16.6
Loading on I/O Pins .................................................................................................................................26
17
Calculating Power ...............................................................................................................................................27
18
Specifications......................................................................................................................................................30
18.1
Absolute Maximum Ratings .....................................................................................................................30
18.2
Operating RAnge .....................................................................................................................................30
18.3
Recommended Operating Conditions......................................................................................................30
18.4
Pin Capacitance.......................................................................................................................................30
18.5
AC/DC Characteristics – PSD211R/ZPSD211R (All 5 V devices)...........................................................31
18.6
AC/DC Characteristics – PSD211RV (3 V devices only).........................................................................32
18.7
Timing Parameters – PSD211R/ZPSD211R (All 5 V devices) ................................................................33
18.8
Timing Parameters – ZPSD211RV (3 V devices only) ............................................................................34
18.9
Timing Diagrams for PSD211R Parts .....................................................................................................36
18.10 AC Testing ...............................................................................................................................................39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com