Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARS Datasheet(PDF) 11 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5544ARS Datasheet HTML 7Page - Analog Devices AD5544ARS Datasheet HTML 8Page - Analog Devices AD5544ARS Datasheet HTML 9Page - Analog Devices AD5544ARS Datasheet HTML 10Page - Analog Devices AD5544ARS Datasheet HTML 11Page - Analog Devices AD5544ARS Datasheet HTML 12Page - Analog Devices AD5544ARS Datasheet HTML 13Page - Analog Devices AD5544ARS Datasheet HTML 14Page - Analog Devices AD5544ARS Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5544/AD5554
Rev. A | Page 11 of 20
0.75
–2000
0.50
0.25
0
–0.25
–0.50
–0.75
–1500
–1000
–500
0
500
2000
1000
1500
1FFFH
2000H
3000H
0FFFH
OP AMP OFFSET VOLTAGE (
µV)
VDD = 5V
VREF = 10V
TA = 25°C
Figure 10. AD5554 Integral Nonlinearity Error vs. Op Amp Offset
OP AMP OFFSET VOLTAGE (
µV)
1.00
–1000
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
–750
–500
–250
0
250
500
750
1000
VDD = 5V
VREF = 10V
TA = 25°C
8000H
F000H
0FFFH
Figure 11. AD5544 Differential Nonlinearity Error vs. Op Amp Offset
OP AMP OFFSET VOLTAGE (
µV)
0.3
–1500
0.2
0.1
0
–0.1
–0.2
–0.3
–1000
–500
0
500
1500
1000
VDD = 5V
VREF = 10V
TA = 25°C
2000H
3000H
0FFFH
ACCURACY DEGRADATION
DUE TO EXTERNAL OP AMP
INPUT OFFSET VOLTAGE
SPECIFICATION.
Figure 12. AD5554 Differential Nonlinearity Error vs. Op Amp Offset
OP AMP OFFSET VOLTAGE (
µV)
10.0
–1500
7.5
5.0
2.5
0
–2.5
–5.0
–1000
–500
0
500
1000
1500
VDD = 5V
VREF = 10V
TA = 25°C
–7.5
–10.0
Figure 13. AD5544 Gain Error vs. Op Amp Offset
OP AMP OFFSET VOLTAGE (
µV)
4
–1500
3
2
1
0
–1
–2
–3
–5
–1000
–500
0
500
1000
1500
–4
VDD = 5V
VREF = 10V
TA = 25°C
Figure 14. AD5554 Gain Error vs. Op Amp Offset
FULL-SCALE TEMPCO (ppm/
°C)
30
0
20
10
0
0.5
1.0
1.5
SS = 120 UNITS
VDD = 5V
VREF = 10V
TA = –40°C TO +85°C
Figure 15. AD5544 Full-Scale Tempco (ppm/°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com