Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARS Datasheet(PDF) 12 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5544ARS Datasheet HTML 8Page - Analog Devices AD5544ARS Datasheet HTML 9Page - Analog Devices AD5544ARS Datasheet HTML 10Page - Analog Devices AD5544ARS Datasheet HTML 11Page - Analog Devices AD5544ARS Datasheet HTML 12Page - Analog Devices AD5544ARS Datasheet HTML 13Page - Analog Devices AD5544ARS Datasheet HTML 14Page - Analog Devices AD5544ARS Datasheet HTML 15Page - Analog Devices AD5544ARS Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5554/AD5554
Rev. A | Page 12 of 20
FULL-SCALE ERROR TEMPCO (ppm/
°C)
40
0.2
30
20
10
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
50
SS = 180 UNITS
VDD = 5V
VREF = 10V
TA = –40°C TO +85°C
Figure 16. AD5554 Full-Scale Tempco (ppm/°C)
100ns/DIV
CS
(5V/DIV)
VOUT
(50mV/DIV)
VDD = 5V
VREF = 10V
TA = 25°C
7FFFH
8000H
Figure 17. AD5544 Midscale Transition
2
µs/DIV
(5V/DIV)
VOUT
(5V/DIV)
VDD = 5V
VREF = 10V
TA = 25°C
0000H
FFFFH
CS
Figure 18. AD5544 Large Signal Settling Time
1
µs/DIV
VOUT
(10V/DIV)
VOUT
(50mV/DIV)
VDD = 5V
VREF = 10V
TA = 25°C
AV = –343
1LSB = 52mV
Figure 19. AD5544 Small Signal Settling Time
CLOCK FREQUENCY (Hz)
10000
1k
1000
100
10
10k
100k
1M
10M
100M
VDD = 5V
VREF = 10V
TA = 25°C
5555H
FFFFH
8000H
0000H
Figure 20. AD5544 Power Supply Current vs. Clock Frequency
CLOCK FREQUENCY (Hz)
10000
1k
1000
100
10
10k
100k
1M
10M
100M
VDD = 5V
VREF = 10V
TA = 25°C
1555H
3FFFH
2000H
0000H
Figure 21. AD5554 Power Supply Current vs. Clock Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com