Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARS Datasheet(PDF) 13 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5544ARS Datasheet HTML 9Page - Analog Devices AD5544ARS Datasheet HTML 10Page - Analog Devices AD5544ARS Datasheet HTML 11Page - Analog Devices AD5544ARS Datasheet HTML 12Page - Analog Devices AD5544ARS Datasheet HTML 13Page - Analog Devices AD5544ARS Datasheet HTML 14Page - Analog Devices AD5544ARS Datasheet HTML 15Page - Analog Devices AD5544ARS Datasheet HTML 16Page - Analog Devices AD5544ARS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD5544/AD5554
Rev. A | Page 13 of 20
CLOCK FREQUENCY (Hz)
100
1k
10k
100k
1M
100
VDD = 5V ±10%
TA = 25°C
90
80
70
60
50
40
30
20
Figure 22. AD5544/AD5554 Power Supply Rejection vs. Frequency
TEMPERATURE (
°C)
55
–50
VDD = 5V
VREF = 10V
LOGIC = VDD
54
53
52
51
50
49
48
47
46
–25
0
25
50
75
100
125
150
Figure 23. AD5544/AD5554 Power Supply Current vs. Temperature
LOGIC INPUT VOLTAGE (V)
600
0
VDD = 5V
VREF = 10V
TA = 25°C
500
400
300
200
100
0
1
23
4
5
Figure 24. AD5544/AD5554 Power Supply Current vs. Logic Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com