Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5544ARS Datasheet(PDF) 14 Page - Analog Devices

Part # AD5544ARS
Description  Quad, Current-Output, Serial-Input 16-/14-Bit DACs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5544ARS Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5544ARS Datasheet HTML 10Page - Analog Devices AD5544ARS Datasheet HTML 11Page - Analog Devices AD5544ARS Datasheet HTML 12Page - Analog Devices AD5544ARS Datasheet HTML 13Page - Analog Devices AD5544ARS Datasheet HTML 14Page - Analog Devices AD5544ARS Datasheet HTML 15Page - Analog Devices AD5544ARS Datasheet HTML 16Page - Analog Devices AD5544ARS Datasheet HTML 17Page - Analog Devices AD5544ARS Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5554/AD5554
Rev. A | Page 14 of 20
CIRCUIT OPERATION
The AD5544 and AD5554 contain four, 16-bit and 14-bit, cur-
rent-output, digital-to-analog converters, respectively. Each
DAC has its own independent multiplying reference input. Both
the AD5544 and the AD5554 use a 3-wire, SPI compatible, serial
data interface, with a configurable asynchronous RS pin for
half-scale (MSB = 1) or zero-scale (MSB = 0) preset. In addition,
an LDAC strobe enables four channel simultaneous updates for
hardware synchronized output voltage changes.
D/A CONVERTER
Each part contains four current-steering R-2R ladder DACs.
Figure 25 shows a typical equivalent DAC. Each DAC contains a
matching feedback resistor for use with an external I-to-V con-
verter amplifier. The RFBX pin connects to the output of the
external amplifier. The IOUTX terminal connects to the inverting
input of the external amplifier. The AGNDX pin should be Kelvin-
connected to the load point requiring full 16-bit accuracy. These
DACs are designed to operate with both negative or positive
reference voltage. The VDD power pin is only used by the logic to
drive the DAC switches on and off. Note that a matching switch
is used in series with the internal 5 kΩ feedback resistor. If users
attempt to measure the value of RFB, power must be applied to
VDD in order to achieve continuity. An additional VSS bias pin is
used to guard the substrate during high temperature applica-
tions, minimizing zero-scale leakage currents that double every
10°C. The DAC output voltage is determined by VREF and the
digital data (D) in the following equations:
(
)
5544
AD
For
65536
D
V
V
REF
OUT
×
−
=
(1)
(
5554
AD
For
1638
)
4
D
V
V
REF
OUT
×
−
=
(2)
Note that the output polarity is opposite to the VREF polarity for
dc reference voltages.
VREFX
VSS
DGND
VDD
RFBX
IOUTX
AGNDF
AGNDX
RR
R
2R
2R
2R
5k
Ω
S1
S2
FROM OTHER DACS AGND
DIGITAL INTERFACE CONNECTIONS OMITTED FOR CLARITY.
SWITCHES S1 AND S2 ARE CLOSED, VDD MUST BE POWERED.
R
Figure 25. Typical Equivalent DAC Channel
These DACs are also designed to accommodate ac reference
input signals. Both the AD5544 and the AD5554 accommodate
input reference voltages in the range of −12 V to +12 V. The
reference voltage inputs exhibit a constant nominal input
resistance of 5 kΩ, ±30%. On the other hand, the DAC outputs
IOUTA, B, C, D are code-dependent and produce various out-
put resistances and capacitances. The choice of external ampli-
fier should take into account the variation in impedance
generated by the AD5544/AD5554 on the amplifiers’ inverting
input node. The feedback resistance, in parallel with the DAC
ladder resistance, dominates output voltage noise. For multi-
plying mode applications, an external feedback compensation
capacitor (CFB) may be needed to provide a critically damped
output response for step changes in reference input voltages.
Figure 26 and Figure 27 show the gain vs. frequency perfor-
mance at various attenuation settings using a 23 pF external
feedback capacitor connected across the IOUTX and RFBX ter-
minals for AD5544 and AD5554, respectively. In order to main-
tain good analog performance, power supply bypassing of
0.01 µF, in parallel with 1 µF, is recommended. Under these
conditions, a clean power supply with low ripple voltage capa-
bility should be used. Switching power supplies is usually not
suitable for this application due to the higher ripple voltage and
PSS frequency-dependent characteristics. It is best to derive the
AD5544/AD5554’s 5 V supply from the system’s analog supply
voltages. Do not use the digital 5 V supply (see Figure 28).
FREQUENCY (Hz)
1k
FFFFH
10k
100k
1M
10M
100
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
ZS
VDD = 5V
VREF = 100mV rms
TA = 25°C
B1
B0
Figure 26. AD5554 Reference Multiplying Bandwidth vs. Code
FREQUENCY (Hz)
1k
3FFFH
10k
100k
1M
10M
100
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
ZS
VDD = 5V
VREF = 100mV rms
TA = 25°C
CF = 23pF
Figure 27. AD5554 Reference Multiplying Bandwidth vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com