Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS00532 Datasheet(PDF) 1 Page - Pro-Signal

Part # LS00532
Description  Mini Loudspeaker
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROSIGNAL [Pro-Signal]
Direct Link  
Logo PROSIGNAL - Pro-Signal

LS00532 Datasheet(HTML) 1 Page - Pro-Signal

  LS00532 Datasheet HTML 1Page - Pro-Signal  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
08/10/14
Mini Loudspeaker
Features:
•  Different sizes
•  Individual (DP) or bulk
•  For general applications in models, intercom systems, miniature radios
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted 
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any 
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any  
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the 
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. 
pro - SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Speaker, 8Ω, 0.2W, 40mm
LS00532
Specifications:
Transducer Function 
: Speaker
Power Rating RMS 
: 0.2W
Impedance 
: 8Ω
External Depth 
: 40mm
External Diameter 
: 40mm
ØA  : 40mm
ØB  : 22mm
ØC  : 36mm
D 
: 3mm
E 
: 17mm


Similar Part No. - LS00532

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
LS00534 PROSIGNAL-LS00534 Datasheet
28Kb / 1P
Miniature Speakers - 8Ω
LS00536 PROSIGNAL-LS00536 Datasheet
28Kb / 1P
Miniature Speakers - 8Ω
More results

Similar Description - LS00532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Apr-2003
logo
Sames
SAN2202 SAMES-SAN2202 Datasheet
81Kb / 9P
SINGLE CHIP SPEAKERPHONE WITH 8 - OHM LOUDSPEAKER AMPLIFIER
logo
Ericsson
PBL38814 ERICSSON-PBL38814 Datasheet
239Kb / 14P
Voice - switched 2-channel Circuit with loudspeaker amplifier
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
STMicroelectronics
TS4855 STMICROELECTRONICS-TS4855_04 Datasheet
1Mb / 27P
LOUDSPEAKER & HEADSET DRIVER WITH VOLUME CONTROL
Mar-2004
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
STMicroelectronics
AN3340 STMICROELECTRONICS-AN3340 Datasheet
3Mb / 24P
Loudspeaker characterization and compensation
11-Feb-2011
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
MC34216A MOTOROLA-MC34216A Datasheet
529Kb / 20P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com